Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DAF Datasheet(PDF) 2 Page - ON Semiconductor

Part # ES2DAF
Description  Surface Mount Ultrafast Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES2DAF Datasheet(HTML) 2 Page - ON Semiconductor

  ES2DAF Datasheet HTML 1Page - ON Semiconductor ES2DAF Datasheet HTML 2Page - ON Semiconductor ES2DAF Datasheet HTML 3Page - ON Semiconductor ES2DAF Datasheet HTML 4Page - ON Semiconductor ES2DAF Datasheet HTML 5Page - ON Semiconductor ES2DAF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
August, 2024 − Rev. 3
1
Publication Order Number:
ES2DAF/D
Surface Mount Ultrafast
Rectifier
ES2DAF
Features
• Fast Switching Speed – Maximum Trr 35 ns
• Ultra Thin Profile − Maximum Height of 1.0 mm
• Glass Passivated Junction
• UL Flammability 94V−0 Classification
• MSL 1
• Green Mold Compound
• These Devices are Pb−Free, Halogen Free Free and are RoHS
Compliant
Specifications
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VRRM
Recurrent Peak Reverse Voltage
200
V
VRMS
RMS Reverse Voltage
140
V
VR
DC Blocking Voltage
200
V
IF(AV)
Average Forward Current
2
A
IFSM
Peak Forward Surge Current: 8.3 ms
Single Half Sine−Wave Superimposed
on Rated Load (JEDEC Method)
50
A
TJ
Operating Junction Temperature Range
−55 to +150
°C
TSTG
Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
DO−214AD
(SMAF)
CASE 403AD
MARKING DIAGRAM
$Y
= onsemi Logo
&Z
= Assembly Plant Code
&3
= Data Code (Year & Week)
ES2DAF
= Specific Device Code
Band Indicates Cathode
$Y&Z&3
ES2DAF
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of
this data sheet.
Ultrafast Rectifier
12
Cathode
Anode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com