Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT1204R7KFLL Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT1204R7KFLL
Description  POWER MOS 7 FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT1204R7KFLL Datasheet(HTML) 4 Page - Microsemi Corporation

  APT1204R7KFLL Datasheet HTML 1Page - Microsemi Corporation APT1204R7KFLL Datasheet HTML 2Page - Microsemi Corporation APT1204R7KFLL Datasheet HTML 3Page - Microsemi Corporation APT1204R7KFLL Datasheet HTML 4Page - Microsemi Corporation APT1204R7KFLL Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT1204R7KFLL
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE10,MAXIMUMSAFEOPERATINGAREA
FIGURE11, CAPACITANCEvsDRAIN-TO-SOURCEVOLTAGE
Qg,TOTALGATECHARGE(nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE12,GATECHARGESvsGATE-TO-SOURCEVOLTAGE
FIGURE13, SOURCE-DRAINDIODEFORWARDVOLTAGE
1
10
100
1200
0
10
20
30
40
50
0
5
10
15
20
25
30
35
40 45
0.3
0.5
0.7
0.9
1.1
1.3
1.5
14
10
5
1
0.5
16
12
8
4
0
Crss
Ciss
Coss
TJ=+150°C
TJ=+25°C
VDS=250V
VDS=100V
VDS=400V
I
D = 3.5A
TC=+25°C
TJ=+150°C
SINGLE PULSE
OPERATIONHERE
LIMITEDBYRDS(ON)
10mS
1mS
100µS
3,000
1,000
500
100
50
10
100
50
10
1
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 800V
R
G = 4.3Ω
T
J = 125°C
L = 100µH
td(on)
td(off)
Eon
Eoff
Eon
Eoff
tr
tf
0
1
2
3
4
5
6
0
1
234
5
6
0
1
2
3
4
5
6
0
10
20
30
40
50
V
DD = 800V
R
G = 4.3Ω
T
J = 125°C
L = 100µH
V
DD = 800V
R
G = 4.3Ω
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery
V
DD = 800V
I
D = 3.5A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery
35
30
25
20
15
10
5
0
180
160
140
120
100
80
60
40
20
0
40
35
30
25
20
15
10
5
0
200
160
120
80
40
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com