Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5010JLLU3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT5010JLLU3
Description  ISOTOP Buck chopper MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT5010JLLU3 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT5010JLLU3 Datasheet HTML 1Page - Microsemi Corporation APT5010JLLU3 Datasheet HTML 2Page - Microsemi Corporation APT5010JLLU3 Datasheet HTML 3Page - Microsemi Corporation APT5010JLLU3 Datasheet HTML 4Page - Microsemi Corporation APT5010JLLU3 Datasheet HTML 5Page - Microsemi Corporation APT5010JLLU3 Datasheet HTML 6Page - Microsemi Corporation APT5010JLLU3 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APT5010JLLU3
www.microsemi.com
1 – 7
ISOTOP
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
A
S
G
D
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
500
V
Tc = 25°C
41
ID
Continuous Drain Current
Tc = 80°C
30
IDM
Pulsed Drain current
164
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
100
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
378
W
IAR
Avalanche current (repetitive and non repetitive)
41
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
1600
mJ
IFAV
Maximum Average Forward Current
Duty cycle=0.5
Tc = 80°C
30
IFRMS
RMS Forward Current (Square wave, 50% duty)
39
A
VDSS = 500V
RDSon = 100mΩ max @ Tj = 25°C
ID = 41A @ Tc = 25°C
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
•
ISOTOP® Package (SOT-227)
•
Very low stray inductance
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Very rugged
•
Low profile
•
RoHS Compliant
ISOTOP® Buck chopper
MOSFET Power Module
A
D
G
S


Similar Part No. - APT5010JLLU3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5010JLLU3 ADPOW-APT5010JLLU3 Datasheet
467Kb / 7P
ISOTOP Buck chopper MOSFET Power Module
More results

Similar Description - APT5010JLLU3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT10M11JVRU3 ADPOW-APT10M11JVRU3 Datasheet
730Kb / 7P
ISOTOP Buck chopper MOSFET Power Module
APT20M22JVRU3 ADPOW-APT20M22JVRU3 Datasheet
720Kb / 7P
ISOTOP Buck chopper MOSFET Power Module
APT40N60JCU3 ADPOW-APT40N60JCU3 Datasheet
485Kb / 8P
ISOTOP Buck chopper Super Junction MOSFET Power Module
APT50M75JLLU3 ADPOW-APT50M75JLLU3 Datasheet
494Kb / 8P
ISOTOP Buck chopper MOSFET Power Module
APT5010JLLU3 ADPOW-APT5010JLLU3 Datasheet
467Kb / 7P
ISOTOP Buck chopper MOSFET Power Module
logo
Microsemi Corporation
APT10M11JVRU3 MICROSEMI-APT10M11JVRU3 Datasheet
706Kb / 7P
ISOTOP Buck chopper MOSFET Power Module
APT20M22JVRU3 MICROSEMI-APT20M22JVRU3 Datasheet
695Kb / 7P
ISOTOP Buck chopper MOSFET Power Module
APT40N60JCU3 MICROSEMI-APT40N60JCU3 Datasheet
490Kb / 8P
ISOTOP Buck chopper Super Junction MOSFET Power Module
APT5010JVRU3 MICROSEMI-APT5010JVRU3 Datasheet
407Kb / 7P
ISOTOP Buck chopper MOSFET Power Module
APT58M50JCU3 MICROSEMI-APT58M50JCU3 Datasheet
117Kb / 5P
ISOTOP Buck chopper MOSFET SiC chopper diode Power module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com