Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5024BVR Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT5024BVR
Description  POWER MOS V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5024BVR Datasheet(HTML) 4 Page - Advanced Power Technology

  APT5024BVR Datasheet HTML 1Page - Advanced Power Technology APT5024BVR Datasheet HTML 2Page - Advanced Power Technology APT5024BVR Datasheet HTML 3Page - Advanced Power Technology APT5024BVR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
5
10
50 100
500
.01
.1
1
10
50
0
50
100
150
200
250
300
0
0.4
0.8
1.2
1.6
2.0
APT5024BVR_SVR
TC =+25°C
TJ =+150°C
SINGLE PULSE
100
50
10
5
1
.5
.1
20
16
12
8
4
0
10,000
5,000
1,000
500
100
100
50
10
5
1
OPERATION HERE
LIMITED BY RDS (ON)
10µS
TJ =+150°C
TJ =+25°C
Crss
Coss
Ciss
VDS=250V
VDS=100V
VDS=400V
1mS
10mS
100mS
DC
100µS
I
D = ID [Cont.]
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
TO-247 Package Outline (BVR)
D
3PAK Package Outline (SVR)
15.95 (.628)
16.05(.632)
1.22 (.048)
1.32 (.052)
5.45 (.215) BSC
{2 Plcs.}
4.98 (.196)
5.08 (.200)
1.47 (.058)
1.57 (.062)
2.67 (.105)
2.84 (.112)
0.46 (.018)
0.56 (.022)
Dimensions in Millimeters (Inches)
Heat Sink (Drain)
and Leads
are Plated
2.40 (.094)
2.70 (.106)
(Base of Lead)
1.98 (.078)
2.08 (.082)
Gate
Drain
Source
0.020 (.001)
0.178 (.007)
1.27 (.050)
1.40 (.055)
11.51 (.453)
11.61 (.457)
13.41 (.528)
13.51(.532)
1.04 (.041)
1.15(.045)
13.79 (.543)
13.99(.551)
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com