Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT5024SVR Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT5024SVR
Description  POWER MOS V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5024SVR Datasheet(HTML) 2 Page - Advanced Power Technology

  APT5024SVR Datasheet HTML 1Page - Advanced Power Technology APT5024SVR Datasheet HTML 2Page - Advanced Power Technology APT5024SVR Datasheet HTML 3Page - Advanced Power Technology APT5024SVR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
Test Conditions
V
GS = 0V
V
DS = 25V
f = 1 MHz
V
GS = 10V
V
DD = 0.5 VDSS
I
D = ID[Cont.] @ 25°C
V
GS = 15V
V
DD = 0.5 VDSS
I
D = ID[Cont.] @ 25°C
R
G = 1.6Ω
MIN
TYP
MAX
3600
4320
470
660
180
270
140
210
22
35
65
95
11
22
10
20
50
75
714
UNIT
pF
nC
ns
APT5024BVR_SVR
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (V
GS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (I
S = -ID[Cont.], dlS/dt = 100A/µs)
Reverse Recovery Charge (I
S = -ID[Cont.], dlS/dt = 100A/µs)
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
UNIT
Amps
Volts
ns
µC
MIN
TYP
MAX
22
88
1.3
415
6.6
1 Repetitive Rating: Pulse width limited by maximum junction
3 See MIL-STD-750 Method 3471
temperature.
4 Starting Tj = +25°C, L = 5.00mH, RG = 25Ω, Peak IL = 22A
2 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
THERMAL CHARACTERISTICS
Symbol
R
θJC
R
θJA
MIN
TYP
MAX
0.45
40
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.5
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.1
SINGLE PULSE
0.02
0.05
0.2
D=0.5
0.01
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com