Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT6010LLL Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT6010LLL
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT6010LLL Datasheet(HTML) 5 Page - Microsemi Corporation

  APT6010LLL Datasheet HTML 1Page - Microsemi Corporation APT6010LLL Datasheet HTML 2Page - Microsemi Corporation APT6010LLL Datasheet HTML 3Page - Microsemi Corporation APT6010LLL Datasheet HTML 4Page - Microsemi Corporation APT6010LLL Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Drain
Source
Gate
These dimensions are equal to the TO-247 without the mounting hole.
2-Plcs.
19.51 (.768)
20.50 (.807)
19.81 (.780)
21.39 (.842)
25.48 (1.003)
26.49 (1.043)
2.29 (.090)
2.69 (.106)
0.76 (.030)
1.30 (.051)
3.10 (.122)
3.48 (.137)
4.60 (.181)
5.21 (.205)
1.80 (.071)
2.01 (.079)
2.59 (.102)
3.00 (.118)
0.48 (.019)
0.84 (.033)
Drain
Source
Gate
Dimensions in Millimeters and (Inches)
2.29 (.090)
2.69 (.106)
5.79 (.228)
6.20 (.244)
2.79 (.110)
3.18 (.125)
5.45 (.215) BSC
2-Plcs.
Dimensions in Millimeters and (Inches)
T-MAXTM (B2) Package Outline
TO-264 (L) Package Outline
Figure 18, Turn-on Switching Waveforms and Definitions
Figure 19, Turn-off Switching Waveforms and Definitions
Drain Current
DrainVoltage
GateVoltage
T
J125°C
Switching Energy
10%
t
d(on)
90%
5%
t
r
5%
10%
Switching Energy
Drain Current
DrainVoltage
GateVoltage
T
J125°C
10%
0
t
d(off)
90%
t
f
90%
ID
D.U.T.
VDS
Figure 20, Inductive Switching Test Circuit
VDD
G
APT30DF60
APT6010B2_LLL
Microsemi’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786
5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
e1 SAC: Tin, Silver, Copper
e1 SAC: Tin, Silver, Copper



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com