Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT8014JFLL Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT8014JFLL
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT8014JFLL Datasheet(HTML) 4 Page - Microsemi Corporation

  APT8014JFLL Datasheet HTML 1Page - Microsemi Corporation APT8014JFLL Datasheet HTML 2Page - Microsemi Corporation APT8014JFLL Datasheet HTML 3Page - Microsemi Corporation APT8014JFLL Datasheet HTML 4Page - Microsemi Corporation APT8014JFLL Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT8014JFLL
Crss
Ciss
Coss
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE10,MAXIMUMSAFEOPERATINGAREA
FIGURE11, CAPACITANCEvsDRAIN-TO-SOURCEVOLTAGE
Qg,TOTALGATECHARGE(nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE12,GATECHARGESvsGATE-TO-SOURCEVOLTAGE
FIGURE13, SOURCE-DRAINDIODEFORWARDVOLTAGE
1
10
100
800
0
10
20
30
40
50
0
50
100 150 200 250 300 350 400
0.3
0.5
0.7
0.9
1.1
1.3
1.5
168
100
50
10
5
1
16
12
8
4
0
TC=+25°C
TJ=+150°C
SINGLE PULSE
10mS
1mS
100µS
TJ=+150°C
TJ=+25°C
VDS=400V
VDS=160V
VDS=640V
I
D = 52A
20,000
10,000
1,000
100
200
100
10
1
OPERATIONHERE
LIMITEDBYRDS(ON)
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 533V
R
G = 3Ω
T
J = 125°C
L = 100µH
Eon
Eoff
tr
tf
10
20
30
40
50
60
70
80
10
20
30
40
50
60
70
80
10
20
30
40
50
60
70
80
0
5
10 15 20 25 30 35 40 45 50
V
DD = 533V
I
D = 52A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
td(on)
td(off)
Eon
Eoff
160
140
120
100
80
60
40
20
0
3000
2500
2000
1500
1000
500
0
V
DD = 533V
R
G = 3Ω
T
J = 125°C
L = 100µH
V
DD = 533V
R
G = 3Ω
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery.
140
120
100
80
60
40
20
0
12000
10000
8000
6000
4000
2000
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com