Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1545 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1545
Description  Stereo continuous calibration DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1545 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1545 Datasheet HTML 4Page - NXP Semiconductors TDA1545 Datasheet HTML 5Page - NXP Semiconductors TDA1545 Datasheet HTML 6Page - NXP Semiconductors TDA1545 Datasheet HTML 7Page - NXP Semiconductors TDA1545 Datasheet HTML 8Page - NXP Semiconductors TDA1545 Datasheet HTML 9Page - NXP Semiconductors TDA1545 Datasheet HTML 10Page - NXP Semiconductors TDA1545 Datasheet HTML 11Page - NXP Semiconductors TDA1545 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Sep 04
8
Philips Semiconductors
Preliminary specification
Stereo continuous calibration DAC
TDA1545A
CHARACTERISTICS
VDD =5V; Tamb =25 °C; measured in the circuit of Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3.0
5.0
5.5
V
IDD
supply current
note 1
−
3.0
4.0
mA
RR
ripple rejection
note 2
−
30
−
dB
Digital inputs (WS; BCK; DATA)
|IIL|
input leakage current LOW
VI = 0.8 V
−−
10
µA
|IIH|
input leakage current HIGH
VI = 2.4 V
−−
10
µA
fBCK
bit clock input frequency
−−
18.4
MHz
BR
bit rate data input
−−
18.4
Mbits/s
fWS
word select input
−−
384
kHz
Timing (see Fig.5)
tr
rise time
−−
12
ns
tf
fall time
−−
12
ns
tCY
bit clock cycle time
54
−−
ns
tHB
bit clock HIGH time
15
−−
ns
tLB
bit clock LOW time
15
−−
ns
tSU;DAT
data set-up time
12
−−
ns
tHD;DAT
data hold time
2
−−
ns
tHD;WS
word select hold time
2
−−
ns
tSU;WS
word select set-up time
12
−−
ns
Analog input (IREF)
RREF
reference resistor
see Fig.1
7.4
11.0
14.6
k
Ω
Analog outputs (IOL and IOR)
RES
resolution
−−
16
bit
VDCC
DC output voltage compliance
2.0
−
VDD − 1V
IFS
full-scale current
0.9
1.0
1.1
mA
TCFS
full-scale temperature coefficient
−±400
−
ppm
Ibias
bias current
643
714
785
µA
AFS
reference input current to
full-scale output current gain
−
13.2
−
Abias
reference input current to bias
current gain
−
9.42
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com