Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESS-A-SS Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PESS-A-SS
Description  Conductor Identification Labels
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PESS-A-SS Datasheet(HTML) 1 Page - PANDUIT CORP.

  PESS-A-SS Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Part Number
Symbol
Legend
Marker Diameter
Labels
Per
Sheet
Std.
Pkg.
Sheet(s)
Std.
Ctn.
Sheet(s)
In.
mm
PESS-A-CE
CE SYMBOL
0.49
12.50
20
10
100
PESS-B-CE
0.63
16.00
20
10
100
PESS-C-CE
0.79
20.00
10
10
100
PESS-D-CE
0.98
25.00
10
10
100
PESS-E-CE
1.24
31.50
10
10
100
PESS-A-ES
EARTH (GROUND)
0.49
12.50
20
10
100
PESS-B-ES
0.63
16.00
20
10
100
PESS-C-ES
0.79
20.00
10
10
100
PESS-D-ES
0.98
25.00
10
10
100
PESS-E-ES
1.24
31.50
10
10
100
PESS-A-L1
OUTER CONDUCTOR – L1
0.49
12.50
20
10
100
PESS-B-L1
0.63
16.00
20
10
100
PESS-C-L1
0.79
20.00
10
10
100
PESS-D-L1
0.98
25.00
10
10
100
PESS-E-L1
1.24
31.50
10
10
100
PESS-A-L2
OUTER CONDUCTOR 2 – L2
0.49
12.50
20
10
100
PESS-B-L2
0.63
16.00
20
10
100
PESS-C-L2
0.79
20.00
10
10
100
PESS-D-L2
0.98
25.00
10
10
100
PESS-E-L2
1.24
31.50
10
10
100
PESS-A-L3
OUTER CONDUCTOR 3 – L3
0.49
12.50
20
10
100
PESS-B-L3
0.63
16.00
20
10
100
PESS-C-L3
0.79
20.00
10
10
100
PESS-D-L3
0.98
25.00
10
10
100
PESS-E-L3
1.24
31.50
10
10
100
PESS-A-LF
LEAD FREE SYMBOL
0.49
12.50
20
10
100
PESS-A-N
NEUTRAL
CONDUCTOR – N
0.49
12.50
20
10
100
PESS-B-N
0.63
16.00
20
10
100
PESS-C-N
0.79
20.00
10
10
100
PESS-D-N
0.98
25.00
10
10
100
PESS-A-PE
PROTECTIVE
CONDUCTOR – PE
0.49
12.50
20
10
100
PESS-A-ROHS
RoHS WHEELED BIN
SYMBOL
0.49
12.50
20
10
100
PESS-A-SS
SAFETY FUNCTION
0.49
12.50
20
10
100
PESS-B-SS
0.63
16.00
20
10
100
PESS-C-SS
0.79
20.00
10
10
100
PESS-D-SS
0.98
25.00
10
10
100
Conductor Identification Labels
Order number of cards required.
Material Chart
Material
Print Method
Temperature Range
Features
Polyester
Pre-Printed
-40°F to 250°F
(-40°C to 121°C)
Indoor/outdoor rated; laminated label
material protects legend from abrasion and
chemicals; resistant to UV light, chemical
atmosphere, and abrasion; excellent life
and adhesion properties


Similar Part No. - PESS-A-SS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PESS-SEL PANDUIT-PESS-SEL Datasheet
51Kb / 3P
Blank Labels by Material (cont.)
More results

Similar Description - PESS-A-SS

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V4082 EMMICRO-V4082 Datasheet
174Kb / 7P
Identification ROM
logo
Tyco Electronics
CL3803-000 MACOM-CL3803-000 Datasheet
370Kb / 4P
Solar Panel Installation Identification labels
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
Tyco Electronics Solar Identification Labels
logo
STMicroelectronics
CN4616-000 STMICROELECTRONICS-CN4616-000 Datasheet
555Kb / 6P
Solar Identification Labels
Apr-2009
logo
PANDUIT CORP.
C025X025KBT PANDUIT-C025X025KBT Datasheet
95Kb / 3P
Thermal Transfer Component Labels
logo
PHOENIX CONTACT
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
logo
Schneider Electric
LV429226 SCHNEIDER-LV429226 Datasheet
73Kb / 2P
identification labels, ComPact NSX, EasyPact CVS, PowerPact Multistandard, set of 10 labels, spare part
Apr 19, 2021
logo
Balluff Korea Ltd.
BVS001A BALLUFF-BVS001A Datasheet
180Kb / 3P
Optical Identification
0.56_2021-12-17
BVS001C BALLUFF-BVS001C Datasheet
180Kb / 3P
Optical Identification
0.52_2021-12-17
BVS001E BALLUFF-BVS001E Datasheet
179Kb / 3P
Optical Identification
0.55_2021-12-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com