Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC80DDA29T3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTC80DDA29T3G
Description  Dual Boost chopper Super Junction MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC80DDA29T3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTC80DDA29T3G Datasheet HTML 1Page - Microsemi Corporation APTC80DDA29T3G Datasheet HTML 2Page - Microsemi Corporation APTC80DDA29T3G Datasheet HTML 3Page - Microsemi Corporation APTC80DDA29T3G Datasheet HTML 4Page - Microsemi Corporation APTC80DDA29T3G Datasheet HTML 5Page - Microsemi Corporation APTC80DDA29T3G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTC80DDA29T3G
www.microsemi.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 800V
Tj = 25°C
25
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 800V
Tj = 125°C
250
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 7.5A
290
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 1mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
2254
Coss
Output Capacitance
1046
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
54
pF
Qg
Total gate Charge
90
Qgs
Gate – Source Charge
11
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 400V
ID = 15A
45
nC
Td(on)
Turn-on Delay Time
10
Tr
Rise Time
13
Td(off)
Turn-off Delay Time
83
Tf
Fall Time
Inductive switching @125°C
VGS = 15V
VBus = 533V
ID = 15A
RG = 5Ω
35
ns
Eon
Turn-on Switching Energy
243
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 533V
ID = 15A, RG = 5Ω
139
µJ
Eon
Turn-on Switching Energy
425
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 533V
ID = 15A, RG = 5Ω
171
µJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1000
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1000V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 65°C
30
A
IF = 30A
1.9
2.3
IF = 60A
2.2
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
1.7
V
Tj = 25°C
290
trr
Reverse Recovery Time
Tj = 125°C
390
ns
Tj = 25°C
670
Qrr
Reverse Recovery Charge
IF = 30A
VR = 667V
di/dt=200A/µs
Tj = 125°C
2350
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com