Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD-45 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PLD-45
Description  Electrical Labels in Dispenser
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLD-45 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PLD-45 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Part Number
Symbol
Description
Width
Height
Labels
Per
Pkg.
Std.
Pkg.
Dispenser(s)
Std.
Ctn.
Dispenser(s)
In.
mm
In.
mm
Dispensers
PLD-12^
CIRCUIT NO., LOCATION
1.50 38.10 1.00 25.40
200
1
10
PLD-30^
CAUTION
1.50 38.10 1.00 25.40
200
1
10
PLD-36
CAUTION 120 V
1.50 38.10 1.00 25.40
200
1
10
PLD-37
CAUTION 220 V
1.50 38.10 1.00 25.40
200
1
10
PLD-38
CAUTION 240 V
1.50 38.10 1.00 25.40
200
1
10
PLD-43^
DANGER HIGH
VOLTAGE
1.50 38.10 1.00 25.40
200
1
10
PLD-45
CAUTION 230 V
1.50 38.10 1.00 25.40
200
1
10
PLD-46
CAUTION 277 V
1.50 38.10 1.00 25.40
200
1
10
PLD-47
CAUTION 277/480 V
1.50 38.10 1.00 25.40
200
1
10
PLD-52
ATTENTION SYMBOL
(ISO 3864)
1.50 38.10 1.00 25.40
200
1
10
PLD-56
HIGH VOLTAGE SYMBOL
(ISO 3864)
1.50 38.10 1.00 25.40
200
1
10
PLD-57
GROUND SYMBOL
(ISO 3864)
.75
19.10
.75
19.10
300
1
10
PLD-58
STATIC AWARENESS
WARNING
1.50 38.10 1.00 25.40
200
1
10
PLD-60
STATIC AWARENESS
WARNING
3.00 76.20 1.00 25.40
100
1
10
PLD-67
DANGER HIGH VOLTAGE
1.50 38.10 1.00 25.40
200
1
10
PLD-68^
LOCKOUT BY _____
DATE _____
1.50 38.10 1.00 25.40
200
1
10
PLD-71
WARNING - FOR
CONTINUED PROTECTION ...
2.00 50.80 1.00 25.40
150
1
10
PLD-72
CAUTION LOCK OUT FOR
SAFETY BEFORE ...
1.50 38.10 1.00 25.40
200
1
10
PLD-74
CAUTION HAZARD OF
ELECTRIC SHOCK ...
1.50 38.10 1.00 25.40
200
1
10
PLD-80
INTRINSICALLY
SAFE WIRING
1.00 25.40 1.50 38.10
200
1
10
PLD-81
SERVICE
DISCONNECT
1.50 38.10 1.00 25.40
200
1
10
PLD-91
CAUTION
480 V
1.50 38.10 1.00 25.40
200
1
10
Electrical Labels in Dispenser
Order number of dispensers required in multiples of Std. Pkg.
^Can be clearly identified with Panduit permanent marking pens.
Material Chart
Material
Print Method
Temperature
Range
Features
Polyester
Pre-Printed
-40°F to 250°F
(-40° to 121°C)
Indoor/outdoor rated; laminated label material
protects legend from abrasion and chemicals;
resistant to UV light chemical atmosphere and
abrasion; excellent life and adhesion properties.


Similar Part No. - PLD-45

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLD-40 MEANWELL-PLD-40 Datasheet
603Kb / 3P
40W Single Output AC Dimmable LED Power Supply
More results

Similar Description - PLD-45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U840A ETC2-U840A Datasheet
57Kb / 1P
TOILET TISSUE DISPENSER
logo
STMicroelectronics
CN4616-000 STMICROELECTRONICS-CN4616-000 Datasheet
555Kb / 6P
Solar Identification Labels
Apr-2009
logo
Linkage Goston Electron...
LNK6932P LINKAGE-LNK6932P Datasheet
2Mb / 7P
Non-IsolatIon DIspenser LED
LNK6933D LINKAGE-LNK6933D Datasheet
3Mb / 7P
Non-IsolatIon DIspenser LED
LNK6935D LINKAGE-LNK6935D Datasheet
2Mb / 7P
Non-IsolatIon DIspenser LED
SM7381P LINKAGE-SM7381P Datasheet
2Mb / 8P
Non-IsolatIon DIspenser LED
SM7381PK LINKAGE-SM7381PK Datasheet
2Mb / 8P
Non-IsolatIon DIspenser LED
SM73822P LINKAGE-SM73822P Datasheet
1Mb / 8P
Non-IsolatIon DIspenser LED
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
logo
List of Unclassifed Man...
SL101N ETC-SL101N Datasheet
503Kb / 1P
Digital Dispenser
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com