Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT2S-M. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PRT2S-M.
Description  Cable Tie, Releasable, 7.4", Standard cross section
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-M. Datasheet(HTML) 1 Page - PANDUIT CORP.

  PRT2S-M. Datasheet HTML 1Page - PANDUIT CORP. PRT2S-M. Datasheet HTML 2Page - PANDUIT CORP. PRT2S-M. Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRT2S-M
q
• For indoor use
• Extended release tab permits easy release and re-use where changes are anticipated during
development, production or servicing in the field
• To release, grasp the head of the cable tie, deflect release tab, and pull the cable tie away from
the bundle
• One-piece construction for consistent performance and reliability
• Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed
installation (Light-Heavy cross section ties have a straight tip)
Part Number
PRT2S-M
RoHS Compliancy Status
Compliant
Part Description
Cable Tie, Releasable, 7.4", Standard cross section
Product Type
Cable Ties
Material
Nylon 6.6
Color
Natural
CSA Certified
Yes
UL Listed (File #E56854)
Yes
UL Recognized (File #E56854)
Yes
Length (In.)
7.4
Length (mm)
188
Width (In.)
.190
Width (mm)
4.8
CE Compliant
Yes
Cross Section
Standard
Head Height (In.)
.219
Head Height (mm)
5.6
Head Width (In.)
.316
Head Width (mm)
8.0
Locking Style
Releasable
Material Flammability Rating
UL 94V-2
Max. Bundle Diameter (In.)
1.88
Max. Bundle Diameter (mm)
48
Max. Continuous Use Temperature 185°F (85°C)
Min. Loop Tensile Strength (Lbs.)
50
Min. Loop Tensile Strength (N)
222


Similar Part No. - PRT2S-M.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PRT2S-M PANDUIT-PRT2S-M Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
More results

Similar Description - PRT2S-M.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0442011 PHOENIX-0442011 Datasheet
70Kb / 5P
Ground terminal block with screw connection, cross section
0443065 PHOENIX-0443065 Datasheet
77Kb / 5P
Ground modular terminal block, Screw connection, Cross section
0461018 PHOENIX-0461018 Datasheet
155Kb / 12P
Double-level terminal block, Cross section
logo
Tyco Electronics
608689 MACOM-608689 Datasheet
36Kb / 1P
NON-RELEASABLE LASHING TIE 20 INCH
logo
Molex Electronics Ltd.
53261-0690 MOLEX-53261-0690 Datasheet
349Kb / 5P
1.25 W-TO-B CONN. MATING CROSS SECTION
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
logo
Weidmuller
7940022563 WEIDMULLER-7940022563 Datasheet
333Kb / 8P
W-Series, Fuse terminal, Rated cross-section: 4
November 9, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com