Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMDR-R Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PMDR-R
Description  Pre-Printed Marker Tape Refills
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PMDR-R Datasheet(HTML) 1 Page - PANDUIT CORP.

  PMDR-R Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Pre-Printed Marker Tape Refills
Part Number
Legend
Roll Length
Rolls
Per
Legend
Per Pkg.
Std.
Pkg.
Roll(s)
Std.
Ctn.
Roll(s)
Ft.
m
PMDR-0-9
0 thru 9
thru
90 thru 99
8.0
2.4
10
110
thru
PMDR-90-99
PMDR-0
0
thru
9
10
100
thru
PMDR-9
PMDR-A
A
thru
Z
10
100
thru
PMDR-Z
PMDR-L1
L1
thru
L3
10
100
thru
PMDR-L3
PMDR-T1
T1
thru
T3
10
100
thru
PMDR-T3
PMDR-GRS
Ground symbol
8.0
2.4
10
10
100
PMDR-MIN
Minus symbol
10
100
PMDR-PLS
Plus symbol
10
100
PMDR-BLK
Black
10
100
PMDR-BL
Light Blue
10
100
PMDR-BRN
Brown
10
100
PMDR-GRN
Light Green
10
100
PMDR-GRY
Gray
10
100
PMDR-ORN
Orange
10
100
PMDR-PUR
Purple
10
100
PMDR-RED
Red
10
100
PMDR-WHT
White
10
100
PMDR-YEL
Yellow
10
100
PMDR-NEMA
One of each of the NEMA colors
featured above
11
10


Similar Part No. - PMDR-R

ManufacturerPart #DatasheetDescription
logo
RFE international
PMD RFE-PMD Datasheet
56Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
REV 2013.02.13
logo
PANDUIT CORP.
PMD-0-9 PANDUIT-PMD-0-9 Datasheet
84Kb / 1P
Write-On Marker Cards – Self-Laminating
logo
Potens Semiconductor Co...
PMD02N60N POTENS-PMD02N60N Datasheet
708Kb / 5P
600V N-Channel MOSFETs
Ver.1.00
PMD04N65P POTENS-PMD04N65P Datasheet
1Mb / 5P
650V N-Channel MOSFETs
Ver.1.01
PMD04N80P POTENS-PMD04N80P Datasheet
1,003Kb / 5P
800V N-Channel MOSFETs
Ver.1.00
More results

Similar Description - PMDR-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA0676T PHILIPS-TEA0676T Datasheet
163Kb / 20P
Dual pre-amplifier and equalizer for reverse tape decks
1997 Oct 07
TEA0677T PHILIPS-TEA0677T Datasheet
147Kb / 13P
Dual pre-amplifier and equalizer for reverse tape decks
August 1993
logo
Unisonic Technologies
UTCTA7668BP UTC-UTCTA7668BP Datasheet
88Kb / 4P
DUAL PRE-AMPLIFIER FOR TAPE RECORDER
logo
Sony Corporation
CXA1262N SONY-CXA1262N Datasheet
203Kb / 10P
PRE-AMPLIFIER/ POWER-AMPLIFIER FOR TAPE RECORDER
logo
New Japan Radio
NJM2775A NJRC-NJM2775A Datasheet
24Kb / 3P
PRE&HI-POWER AMPLIFIER with ALC for PORTABLE TAPE RECORDER
logo
Tyco Electronics
030648-000 MACOM-030648-000 Datasheet
168Kb / 2P
Pre-Printed Wire and Cable Markers
logo
PANDUIT CORP.
PCM-0 PANDUIT-PCM-0 Datasheet
104Kb / 4P
Pre-Printed Marker Cards PCM Type
logo
3M Electronics
828CP 3M-828CP Datasheet
579Kb / 7P
3M??Scotch짰 Custom Printed Pouch Tape 828CP
3732 3M-3732 Datasheet
571Kb / 4P
3M??Scotch짰 High Performance Printed Box Sealing Tape 3732
logo
Bertech.
ESDCT3P BERTECH-ESDCT3P Datasheet
216Kb / 1P
ESD Printed Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com