Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT.7M-C Datasheet(PDF) 39 Page - PANDUIT CORP.

Part # PLT.7M-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT.7M-C Datasheet(HTML) 39 Page - PANDUIT CORP.

Back Button PLT.7M-C Datasheet HTML 35Page - PANDUIT CORP. PLT.7M-C Datasheet HTML 36Page - PANDUIT CORP. PLT.7M-C Datasheet HTML 37Page - PANDUIT CORP. PLT.7M-C Datasheet HTML 38Page - PANDUIT CORP. PLT.7M-C Datasheet HTML 39Page - PANDUIT CORP. PLT.7M-C Datasheet HTML 40Page - PANDUIT CORP. PLT.7M-C Datasheet HTML 41Page - PANDUIT CORP. PLT.7M-C Datasheet HTML 42Page - PANDUIT CORP. PLT.7M-C Datasheet HTML 43Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
39
Most commonly used parts appear in BOLD.
Part Number Suffix Code for All Parallel Entry Cable Ties
Part Description:
CBR = CONTOUR-TY
®
ILT = BELT-TY
™ In-Line Tie
IT = In-Line Tie
Size:
Approximate
Maximum Bundle
Diameter in
Inches
Package Size:
C = 100
TL = 250
D = 500
M = 1000
Color:
See Material/Color
chart. Not all ties
available in all colors.
—
Part Number System (Example of ILT1M-M)
ILT
1
M
M
Material/Color
PANDUIT ®
Suffix*
Mil Spec
Suffix**
Nylon 6.6 — Natural (See Note)
✔
9
Weather Resistant Nylon 6.6 —
Black
0N/A
Ultraviolet Red
UV2
N/A
Ultraviolet Yellow
UV4
N/A
Ultraviolet Butterscotch
UV4A
N/A
Ultraviolet Green
UV5A
N/A
Ultraviolet Hunter Green
UV5B
N/A
Material/Color Chart
Material/Color
PANDUIT
®
Suffix*
Mil Spec
Suffix**
Ultraviolet Dark Blue
UV6
N/A
Ultraviolet Light Blue
UV6A
N/A
Ultraviolet Cobalt Blue
UV6B
N/A
Ultraviolet Purple
UV7A
N/A
Ultraviolet Silver
UV8
N/A
Ultraviolet Teal
UV11
N/A
Ultraviolet Pink
UV16B
N/A
Ultraviolet Tan
UV18
N/A
* NOTE:
✔ designates PANDUIT ® standard Natural Nylon 6.6 color.material. No suffix required in part number.
** NOTE: MIL SPEC Color (suffix) per AS33671 (Formerly MS3367) and SAE AS33681 (Formerly MS3368).
Standard Packaging
Bulk Packaging
Part
Number
Natural
Nylon 6.6
Available Color/
Material (Suffix)
Part
Number
Natural
Nylon 6.6
Available Color/
Material (Suffix)
CBR1M-M
✔
0
CBR1.5M-M
✔
0
CBR2M-M
✔
0
CBR1.5I-M
✔
0
CBR3I-M
✔
0
CBR4I-M
✔
0
CBR2S-M
✔
0, 39
CBR3S-M
✔
0
CBR4S-M
✔
0
CBR2HS-D
✔
0
CBR4LH-TL
✔
0
CBR6LH-C
✔
0
ILT1M-M
✔
0
ILT1.5I-M
✔
0
ILT2S-C
✔
0
ILT2S-M
✔
0
ILT3S-C
✔
0
ILT3S-M
✔
0
ILT4S-C
✔
0
ILT4S-M
✔
0
ILT4LH-TL
✔
0
ILT6LH-C
✔
0
IT940-C
0
IT965-C
0
IT9100-C
0, UV2, UV4, UV6, UV6A,
UV7A, UV8, UV16B
IT9115-C
0, UV2, UV4, UV4A, UV5A,
UV5B, UV6, UV6A, UV6B,
UV7A, UV8, UV11, UV16B,
UV18
IT9150-C
0
IT9250-C
0
Cross Section:
M = Miniature
I = Intermediate
S = Standard
HS = Heavy-Standard
LH = Light-Heavy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com