Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-710409 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-710409
Description  400dpi CIS Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710409 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  AMIS-710409 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710409 Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMIS-710409-A4: 400dpi CIS Module
Data Sheet
10.0 Switching Characteristics (25
°C)
Figure 4: Module Timing Diagram
The switching characteristics (at 25°C) for the I/O clocks are shown in Figure 4. For the timing symbol definitions, see Table 6.
Note: Only one video output is shown because all four videos have identical electrical characteristics. The only physical difference
between them is in Section 4 output, VOUT4. Section 4 has only six sensor chips, hence its active scan is shorter by 128 pixels.
Table 6: Timing Symbol’s Definition and Timing Values
Item
Symbol
Min.
Typ.
Max.
Units
Clock cycle time
to
0.20
4.0
µs
Clock pulse width
tw
50
ns
Clock duty cycle
25
75
%
Prohibit crossing time of SP
(1)
tprh
0
ns
Data setup time
tds
20
ns
Data hold time
tdh
0
ns
Signal delay time
tdl
20
ns
Signal settling time
tsh
100
ns
Note:
(1)
"Prohibit crossing of start pulse" is to indicate that the start pulse should not be active high between any two consecutive high going clock pulses or two
consecutive low going clock pulses (see Figure 4). Only one high going clock under the active high start pulse initiates the internal shift register and it must not be
active over two high going clocks. All low going clock pulses will not initiate the shift register. To ensure that the start pulse will not be actively high during two
consecutive high going clocks, the circuit should be designed to keep the start pulse active only for one high going clock cycle.
6
AMI Semiconductor – July 06, M-20594-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com