Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF50DH60TG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGF50DH60TG
Description  Asymmetrical - Bridge NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF50DH60TG Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGF50DH60TG Datasheet HTML 1Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 2Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 3Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 4Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 5Page - Microsemi Corporation APTGF50DH60TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTGF50DH60TG
www.microsemi.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
250
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 600V
Tj = 125°C
500
µA
Tj = 25°C
1.7
2.0
2.45
VCE(sat)
Collector Emitter Saturation Voltage
VGE =15V
IC = 50A
Tj = 125°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 1mA
4
6
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
2200
Coes
Output Capacitance
323
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
200
pF
Qg
Total gate Charge
166
Qge
Gate – Emitter Charge
20
Qgc
Gate – Collector Charge
VGE = 15V
VBus = 300V
IC = 50A
100
nC
Td(on)
Turn-on Delay Time
40
Tr
Rise Time
9
Td(off)
Turn-off Delay Time
120
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 400V
IC = 50A
RG = 2.7Ω
12
ns
Td(on)
Turn-on Delay Time
42
Tr
Rise Time
10
Td(off)
Turn-off Delay Time
130
Tf
Fall Time
Inductive Switching (125°C)
VGE = 15V
VBus = 400V
IC = 50A
RG = 2.7Ω
21
ns
Eon
Turn-on Switching Energy
Tj = 125°C
0.5
Eoff
Turn-off Switching Energy
VGE = 15V
VBus = 400V
IC = 50A
RG = 2.7Ω
Tj = 125°C
1
mJ
Diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 70°C
60
A
IF = 60A
1.6
1.8
IF = 120A
1.9
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.4
V
Tj = 25°C
130
trr
Reverse Recovery Time
Tj = 125°C
170
ns
Tj = 25°C
220
Qrr
Reverse Recovery Charge
IF = 60A
VR = 400V
di/dt =200A/µs
Tj = 125°C
920
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com