Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC07 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PRC07
Description  Push-Pull Circular Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRC07 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PRC07 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRC07 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
● PRC05 series are miniature size in comparison with PRC03, PRC04 series, also they are our original Push-Pull
Locking connectors for quick and easy maing.
● PRC07 series based on PRC05 series feature high density and miniaturization.
■ Specifications
■ Configuration
Plug
PRC05-P5F
Connections
Push-Pull Lock
Termination
Solder
Temperature and Humidity
-25º C to +85º C 85% Max.
NumberofPins
2,3,5,6,8,12
Shell Material / Finish
Brass / Nickel
Contact Material / Finish
Copper Alloy / Gold over Nickel
Insert
Size
No. of Pins
Dimensions (mm)
AB
C
D
E
F
G
H
J
K
L
M
N
6
2, 3, 5
13.5 32.0
5.2 13.0
2.0
9.5 18.0
9.0 P=0.5
9.0 11.5 16.0
2.2 32.5
9
6, 8
16.7 34.0
6.2 16.0
2.0
9.5 18.0 12.0 P=0.8
12.0 13.5 18.0
2.2 34.5
12
12
21.0 39.0 11.0 20.0
2.0
9.5 18.0 M16 P=1.0
16.0 17.0
22.5
2.8 39.0
Push-Pull Circular Connectors
PRC05 series / PRC07 series
TAJIMI ELECTRONICS CO., LTD.
F
G
E
B
N
4-øM
K
L
E
F
G
Flange Mount Receptacle
PRC05-RB5M
Bulkhead Mount Receptacle
PRC05-R5M
Jack
PRC05-J5M
25
25
25
25
25
* See page 28 as for Electrical Specifications.


Similar Part No. - PRC07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRC07 ETC2-PRC07 Datasheet
616Kb / 2P
Miniature Circular Connectors
PRC07-J5F ETC2-PRC07-J5F Datasheet
616Kb / 2P
Miniature Circular Connectors
PRC07-J5M ETC2-PRC07-J5M Datasheet
616Kb / 2P
Miniature Circular Connectors
PRC07-JB5F ETC2-PRC07-JB5F Datasheet
616Kb / 2P
Miniature Circular Connectors
PRC07-JB5M ETC2-PRC07-JB5M Datasheet
616Kb / 2P
Miniature Circular Connectors
More results

Similar Description - PRC07

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
Push-Pull Circular Plastic Connectors
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
Hirose Electric
HR25A-7P-8P HIROSE-HR25A-7P-8P Datasheet
813Kb / 9P
Miniature Push-Pull Circular Connectors
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
HR10A-TC-02 ETC2-HR10A-TC-02 Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Japan Aviation Electron...
JB5 JAE-JB5 Datasheet
739Kb / 8P
Compact Push-Pull Circular Connector
logo
Hirose Electric
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
Miniature Push-Pull Circular Connectors
logo
List of Unclassifed Man...
EPRC05 ETC2-EPRC05 Datasheet
343Kb / 2P
Push-Pull Circular connectors
2018/12
logo
LEMO Connectors
EPA.00.250.NTN LEMO-EPA.00.250.NTN Datasheet
41Kb / 2P
Circular Push Pull Connectors STRT RECPT FOR PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com