Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500-200-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 500-200-R
Description  COMPACT KVM-OVER-IP PLUS LOCAL ACCESS FOR DISTRIBUTED SERVER MANAGEMENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

500-200-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  500-200-R Datasheet HTML 1Page - List of Unclassifed Manufacturers 500-200-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features and Specifications
> Security
• In-Band (Ethernet) - Dual Ethernet ports
• Hardware based encryption of keyboard, mouse and
video data
• IP Source Address Filtering
• Remote Authentication: LDAP, RADIUS, Active Directory
• User/Group management with permissions control
• Configurable port numbers (HTTP, HTTPS,Telnet, SSH)
• Selective disable of Telnet/SSH
> Access
• Local access and up to 8 simultaneous remote users
> Target Server Requirements
• Supports Multiple Operating Systems:
Windows 2000/2003/2008/XP/Vista/7, Unix, Linux, or
MAC OSX 10
• Keyboard/mouse: 1 USB, 1 PS/2 keyboard, and 1 PS/2
mouse connector
• Video Interface: HD15 VGA video output (up to
1600x1200@60Hz)
> Client System Requirements
• Internet Explorer 6.0+, Netscape 5.0+, Firefox 3.0+,
Safari 2.0+
• PIII Processor equivalent or better (recommended)
• Sun Java 2 Runtime Environment
• Telnet/SSH client for command line (CLI) access
> Interfaces
• Network: 10/100Base-T Ethernet Port with activity
indicators (RJ45)
• Serial: RS-232, up to 115,200 bps for serial device
pass-through, unit configuration or PCU controller
• USB
• Local KVM connector
• Computer input connector
> Cables
• Includes local KVM and computer input USB or USB and
PS/2, 21.6” VGA cables
> Environmental
• Operating: 0° to 45° C (32° to 115° F)
• Storage: -20° to 70° C (-4° to 158° F)
• Humidity: 0 to 95% RH (non-condensing)
• Heat Dissipation: 4-8 Watts (14-28 BTU/hr)
> Power Requirements
• Input: 5 VDC @ 1.6A max.
> Certifications
• UL/CUL (CSA-22.2 No. 60950-1-03 / UL-60950-1)
• CE - IEC 60950-1
• C-Tick
• FCC Part 15, Equipment Class A
• VCCI V-3/2006.04 Class A
• AS/NZS CISPR 22: 2006 Class A
• EN55022:1998 +A1:2000 +A2:2003 Class A
• EN61000-3-2: 2000 +A2: 2005 Class A
• EN61000-3-3: 1995 +A1: 2001
• EN55024: 1998 +A1:2001 +A2:2003
• RoHS Compliant
> Warranty
• 2-year limited warranty
> Form Factor
• Dimensions: (H x W x D) 13.2 x 5.8 x 3.6 cm
(5.2 x 2.3 x 1.4 in)
• Weight: USB: 269g (9.50 oz), PS/2: 278g (9.80 oz)
© Lantronix, Inc. 2014. All rights reserved.
Lantronix and Spider Duo are registered trademarks , and Connect Smart. Do More. is a trademark of Lantronix, Inc. in the U.S. and other countries. All other trademarks and trade names are the
property of their respective holders. 920-008-R Rev B
Remotely manage power with
the optional power control unit.
Ordering Information
Asia/Pacific
Call: +852.3428.2338
Email: asiapacific_sales@lantronix.com
Europe
Call: +31 (0) 76.52.3.6.74 4
Email: EMEA@lantronix.com
United States
Call: 800.422.7055
Email: sales@lantronix.com
Buy Online: http://www.lantronix.com
NASDAQ: LTRX
> Part Number
> Description
SLSLP400USB-01
1 Port Local plus Remote KVM-over-IP with USB
Connectors; 21.6" VGA cables
SLSLP400PS2-01
1 Port Local + Remote KVM-over-IP with PS/2 and
USB Connectors; 21.6" VGA cables
> Accessories
> Description
PCU100-01
Single port power control unit,100-240VAC,
50/60Hz, 10A (Includes IEC320/C13 to NEMA
inlet and IEC320/C14 to IEC320/C13 outlet power
cables)
500-199-R
Extended length cable (computer input) USB
connector; 59" VGA cable
500-200-R
Extended length cable (computer input) PS/2 and
USB connectors; 59" VGA cable
520-104-R
Replacement DC Power Supply with International
Adapters (100-240VAC, 50-60 Hz; 5 VDC @ 2A)
Local KVM
Power
KVM
Ethernet/IP
Spider Duo®
Local KVM
PCU
Power
Spider Duo Application Example
Japan
Call: +81.3.6277.8802
Email: japan_sales@lantronix.com
China
Call: +86.021.6237.8868
Email: Shanghai@lantronix.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com