Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350ECPR Datasheet(PDF) 9 Page - BASIC SEMICONDUCTOR

Part # BTD5350ECPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350ECPR Datasheet(HTML) 9 Page - BASIC SEMICONDUCTOR

Back Button BTD5350ECPR Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD5350ECPR Datasheet HTML 13Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.basicsemi.com
9/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
8.1PropagationDelay
The method for measuring the rise time (tr) and fall time (tf) : the propagation delay OUTH and OUTL for non-inverting
input (see Figure 1); the propagation delay for inverting input (see Figure 2).
8.2CMTI
Figure3.CMTITestCircuitforBTD5350Mx
Figure4.CMTITestCircuitforBTD5350Sx
Figure5.CMTITestCircuitforBTD5350Ex
IN-
OUTH
0V
90%
IN+
OUTL
50%
10%
50%
tPLH
tPHL
IN-
OUTH
VCC1
90%
IN+
OUTL
50%
10%
50%
tr
tf
tPLH
tPHL
tr
tf
IN-
OUTH
0V
90%
IN+
OUTL
50%
10%
50%
tPLH
tPHL
IN-
OUTH
VCC1
90%
IN+
OUTL
50%
10%
50%
tr
tf
tPLH
tPHL
tr
tf
8.ParameterTesting
5350M
5350S
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUTH
OUTL
VEE2
VCM
+
-
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUT
CLAMP
VEE2
VCM
+
-
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUT
GND2
VEE2
VCM
+
-
5350M
5350S
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUTH
OUTL
VEE2
VCM
+
-
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUT
CLAMP
VEE2
VCM
+
-
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUT
GND2
VEE2
VCM
+
-
5350M
5350S
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUTH
OUTL
VEE2
VCM
+
-
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUT
CLAMP
VEE2
VCM
+
-
C4
C3
15V
C2
C1
5V
PWM
VCC1
GND1
IN+
IN-
VCC2
OUT
GND2
VEE2
VCM
+
-
Figure1.InputandOutputPropagationDelay
(Non-InvertingConfiguration)
Figure2.InputandOutputPropagationDelay
(InvertingConfiguration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com