Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB30FIF0W Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # PB30FIF0W
Description  Push Button, Switch, Buzzer and LED Pilot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PB30FIF0W Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  PB30FIF0W Datasheet HTML 1Page - Carlo Gavazzi Holding AG PB30FIF0W Datasheet HTML 2Page - Carlo Gavazzi Holding AG PB30FIF0W Datasheet HTML 3Page - Carlo Gavazzi Holding AG PB30FIF0W Datasheet HTML 4Page - Carlo Gavazzi Holding AG PB30FIF0W Datasheet HTML 5Page - Carlo Gavazzi Holding AG PB30FIF0W Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Selector Switches - Illuminated
Hole Size
Handle Type Mounting Ring
Action
Red
White
Black
Blue
Yellow
Green
22mm
Short
2 Pos. L R
PB22SISRS21R
PB22SISRS21W
-
PB22SISRS21B
PB22SISRS21Y
PB22SISRS21G
3 Pos. L C R
PB22SISRS31R
PB22SISRS31W
-
PB22SISRS31B
PB22SISRS31Y
PB22SISRS31G
2 Pos. L R
PB22BISRS21R
PB22BISRS21W
-
PB22BISRS21B
PB22BISRS21Y
PB22BISRS21G
3 Pos. L C R
PB22BISRS31R
PB22BISRS31W
-
PB22BISRS31B
PB22BISRS31Y
PB22BISRS31G
30mm
Short
2 Pos. L R
PB30FISRS21R
PB30FISRS21W
-
PB30FISRS21B
PB30FISRS21Y
PB30FISRS21G
3 Pos. L C R
PB30FISRS31R
PB30FISRS31W
-
PB30FISRS31B
PB30FISRS31Y
PB30FISRS31G
Selector Switches - Non-Illuminated
Hole Size
Handle Type Mounting Ring
Action
Red
White
Black
Blue
Yellow
Green
22mm
Short
2 Pos. L
R
PB22SSRS21R
-
PB22SSRS21K
-
PB22SSRS21Y
PB22SSRS21G
2 Pos. L
C
PB22SSRS22R
-
PB22SSRS22K
-
PB22SSRS22Y
PB22SSRS22G
2 Pos. C
R
PB22SSRS23R
-
PB22SSRS23K
-
PB22SSRS23Y
PB22SSRS23G
3 Pos. L
C
R
PB22SSRS31R
-
PB22SSRS31K
-
PB22SSRS31Y
PB22SSRS31G
3 Pos. L
C
R
PB22SSRS32R
-
PB22SSRS32K
-
PB22SSRS32Y
PB22SSRS32G
3 Pos. L
C
R
PB22SSRS33R
-
PB22SSRS33K
-
PB22SSRS33Y
PB22SSRS33G
3 Pos. L
C
R
PB22SSRS34R
-
PB22SSRS34K
-
PB22SSRS34Y
PB22SSRS34G
2 Pos. L
R
PB22BSRS21R
-
PB22BSRS21K
-
PB22BSRS21Y
PB22BSRS21G
2 Pos. L
C
PB22BSRS22R
-
PB22BSRS22K
-
PB22BSRS22Y
PB22BSRS22G
2 Pos. C
R
PB22BSRS23R
-
PB22BSRS23K
-
PB22BSRS23Y
PB22BSRS23G
3 Pos. L C
R
PB22BSRS31R
-
PB22BSRS31K
-
PB22BSRS31Y
PB22BSRS31G
3 Pos. L
C
R
PB22BSRS32R
-
PB22BSRS32K
-
PB22BSRS32Y
PB22BSRS32G
3 Pos. L
C
R
PB22BSRS33R
-
PB22BSRS33K
-
PB22BSRS33Y
PB22BSRS33G
3 Pos. L
C
R
PB22BSRS34R
-
PB22BSRS34K
-
PB22BSRS34Y
PB22BSRS34G
Long
2 Pos. L
R
PB22SLRS21R
-
PB22SLRS21K
-
PB22SLRS21Y
PB22SLRS21G
2 Pos. L
C
PB22SLRS22R
-
PB22SLRS22K
-
PB22SLRS22Y
PB22SLRS22G
2 Pos. C
R
PB22SLRS23R
-
PB22SLRS23K
-
PB22SLRS23Y
PB22SLRS23G
3 Pos. L
C
R
PB22SLRS31R
-
PB22SLRS31K
-
PB22SLRS31Y
PB22SLRS31G
3 Pos. L
C
R
PB22SLRS32R
-
PB22SLRS32K
-
PB22SLRS32Y
PB22SLRS32G
3 Pos. L
C
R
PB22SLRS33R
-
PB22SLRS33K
-
PB22SLRS33Y
PB22SLRS33G
3 Pos. L
C
R
PB22SLRS34R
-
PB22SLRS34K
-
PB22SLRS34Y
PB22SLRS34G
2 Pos. L
R
PB22BLRS21R
-
PB22BLRS21K
-
PB22BLRS21Y
PB22BLRS21G
2 Pos. L
C
PB22BLRS22R
-
PB22BLRS22K
-
PB22BLRS22Y
PB22BLRS22G
2 Pos. C
R
PB22BLRS23R
-
PB22BLRS23K
-
PB22BLRS23Y
PB22BLRS23G
3 Pos. L
C
R
PB22BLRS31R
-
PB22BLRS31K
-
PB22BLRS31Y
PB22BLRS31G
3 Pos. L
C
R
PB22BLRS32R
-
PB22BLRS32K
-
PB22BLRS32Y
PB22BLRS32G
3 Pos. L
C
R
PB22BLRS33R
-
PB22BLRS33K
-
PB22BLRS33Y
PB22BLRS33G
3 Pos. L
C
R
PB22BLRS34R
-
PB22BLRS34K
-
PB22BLRS34Y
PB22BLRS34G
30mm
Short
2 Pos. L
R
PB30FSRS21R
-
PB30FSRS21K
-
PB30FSRS21Y
PB30FSRS21G
2 Pos. L
C
PB30FSRS22R
-
PB30FSRS22K
-
PB30FSRS22Y
PB30FSRS22G
2 Pos. C
R
PB30FSRS23R
-
PB30FSRS23K
-
PB30FSRS23Y
PB30FSRS23G
3 Pos. L
C
R
PB30FSRS31R
-
PB30FSRS31K
-
PB30FSRS31Y
PB30FSRS31G
3 Pos. L
C
R
PB30FSRS32R
-
PB30FSRS32K
-
PB30FSRS32Y
PB30FSRS32G
3 Pos. L
C
R
PB30FSRS33R
-
PB30FSRS33K
-
PB30FSRS33Y
PB30FSRS33G
3 Pos. L
C
R
PB30FSRS34R
-
PB30FSRS34K
-
PB30FSRS34Y
PB30FSRS34G
Long
2 Pos. L
R
PB30FLRS21R
-
PB30FLRS21K
-
PB30FLRS21Y
PB30FLRS21G
2 Pos. L
C
PB30FLRS22R
-
PB30FLRS22K
-
PB30FLRS22Y
PB30FLRS22G
2 Pos. C
R
PB30FLRS23R
-
PB30FLRS23K
-
PB30FLRS23Y
PB30FLRS23G
3 Pos. L
C
R
PB30FLRS31R
-
PB30FLRS31K
-
PB30FLRS31Y
PB30FLRS31G
3 Pos. L
C
R
PB30FLRS32R
-
PB30FLRS32K
-
PB30FLRS32Y
PB30FLRS32G
3 Pos. L
C
R
PB30FLRS33R
-
PB30FLRS33K
-
PB30FLRS33Y
PB30FLRS33G
3 Pos. L
C
R
PB30FLRS34R
-
PB30FLRS34K
-
PB30FLRS34Y
PB30FLRS34G
(Note: Arrows indicate spring return function)
Key Selector Switches
Hole Size
Mounting Ring
Action
Left Extract
Center Extract
Right Extract
22mm
2 Pos. L R
PB22SKRS21KL
-
PB22SKRS21KR
3 Pos. L C R
PB22SKRS31KL
PB22SKRS31KC
PB22SKRS31KR
30mm
Flush
2 Pos. L R
PB30FKRS21
-
PB30FKRS21
3 Pos. L C R
PB30FKRS31
PB30FKRS31
PB30FKRS31
(Note: PB30F types allow key to be extracted from any position)
Standard
Bezel
Standard
Bezel
Flush
Flush
Standard
Standard
Bezel
Flush
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com