Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF200U120DG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGF200U120DG
Description  Single Switch with Series diodes NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF200U120DG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGF200U120DG Datasheet HTML 1Page - Microsemi Corporation APTGF200U120DG Datasheet HTML 2Page - Microsemi Corporation APTGF200U120DG Datasheet HTML 3Page - Microsemi Corporation APTGF200U120DG Datasheet HTML 4Page - Microsemi Corporation APTGF200U120DG Datasheet HTML 5Page - Microsemi Corporation APTGF200U120DG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTGF200U120DG
www.microsemi.com
5 – 6
VGE = 15V
25
30
35
40
45
0
100
200
300
400
500
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
VCE = 600V
RG = 1.2Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
200
250
300
350
400
0
100
200
300
400
500
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 600V
RG = 1.2Ω
VGE=15V
20
60
100
140
180
0
100
200
300
400
500
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 600V
RG = 1.2Ω
TJ = 25°C
TJ = 125°C
20
30
40
50
0
100
200
300
400
500
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 600V, VGE = 15V, RG = 1.2Ω
TJ=125°C,
VGE=15V
0
20
40
60
80
0
100
200
300
400
500
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 600V
RG = 1.2Ω
TJ = 125°C
0
8
16
24
32
0
100
200
300
400
500
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 600V
VGE = 15V
R
G = 1.2Ω
Eon, 200A
Eoff, 200A
Eon, 100A
Eoff, 100A
0
8
16
24
32
40
48
56
02.557.5
10
12.5
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 600V
V
GE = 15V
TJ= 125°C
Cies
Cres
Coes
100
1000
10000
100000
0
1020304050
Capacitance vs Collector to Emitter Voltage
VCE, Collector to Emitter Voltage (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com