Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB8S Datasheet(PDF) 2 Page - ON Semiconductor

Part # MB8S
Description  Bridge Rectifiers, 0.5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MB8S Datasheet(HTML) 2 Page - ON Semiconductor

  MB8S Datasheet HTML 1Page - ON Semiconductor MB8S Datasheet HTML 2Page - ON Semiconductor MB8S Datasheet HTML 3Page - ON Semiconductor MB8S Datasheet HTML 4Page - ON Semiconductor MB8S Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB1S−MB8S
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
(Values are at TA = 25°C unless otherwise noted)
Symbol
Parameter
MB1S
MB2S
MB4S
MB6S
MB8S
Unit
VRRM
Maximum Repetitive Reverse Voltage
100
200
400
600
800
V
VRMS
Maximum RMS Bridge Input Voltage
70
140
280
420
560
V
VR
DC Reverse Voltage (Rated VR)
100
200
400
600
800
V
IF(AV)
Average Rectified Forward Current at TA = 50°C
0.5
A
IFSM
Non−Repetitive Peak Forward Surge Current:
8.3 ms Single Half−Sine−Wave
35
A
TSTG
Storage Temperature Range
−55 to +150
°C
TJ
Operating Junction Temperature Range
−55 to +150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
PD
Power Dissipation
1.4
W
RθJA
Thermal Resistance, Junction to Ambient, per Leg (Note 1)
85
°C/W
RθJL
Thermal Resistance, Junction to Lead, per Leg (Note 1)
20
°C/W
1. Device mounted on PCB with 0.5 × 0.5 inch (13 × 13 mm) lead length.
ELECTRICAL CHARACTERISTICS (Values are at TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Unit
VF
Forward Voltage, per Bridge
IF = 0.5 A
1.0
V
IR
Reverse Current, per Leg at Rated VR TA = 25°C
5.0
mA
TA = 125°C
0.5
mA
I2t
I2t Rating for Fusing
t < 8.3 ms
5.0
A2s
CT
Total Capacitance, per Leg
VR = 4.0 V, f = 1.0 MHz
13
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Part Number
Top Mark
Package
Shipping†
MB1S
MB1S
SOIC4 W
(Pb−Free)
3,000 / Tape & Reel
MB2S
MB2S
MB4S
MB4S
MB6S
MB6S
MB8S
MB8S
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com