Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB30FIF0B Datasheet(PDF) 5 Page - Carlo Gavazzi Holding AG

Part # PB30FIF0B
Description  Push Button, Switch, Buzzer and LED Pilot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PB30FIF0B Datasheet(HTML) 5 Page - Carlo Gavazzi Holding AG

  PB30FIF0B Datasheet HTML 1Page - Carlo Gavazzi Holding AG PB30FIF0B Datasheet HTML 2Page - Carlo Gavazzi Holding AG PB30FIF0B Datasheet HTML 3Page - Carlo Gavazzi Holding AG PB30FIF0B Datasheet HTML 4Page - Carlo Gavazzi Holding AG PB30FIF0B Datasheet HTML 5Page - Carlo Gavazzi Holding AG PB30FIF0B Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pilot Lights
Size
Type
Voltage
Red
White
Blue
Yellow
Green
22mm Standard
(50mm behind
panel depth)
6 VAC/DC
PL22SHLR06
PL22SHLW06
PL22SHLB06
PL22SHLY06
PL22SHLG06
12 VAC/DC
PL22SHLR12
PL22SHLW12
PL22SHLB12
PL22SHLY12
PL22SHLG12
24 VAC/DC
PL22SHLR24
PL22SHLW24
PL22SHLB24
PL22SHLY24
PL22SHLG24
48 VAC/DC
PL22SHLR48
PL22SHLW48
PL22SHLB48
PL22SHLY48
PL22SHLG48
110 VAC/DC
PL22SHLR110
PL22SHLW110
PL22SHLB110
PL22SHLY110
PL22SHLG110
220 VDC
PL22SHLR220D
PL22SHLW220D
PL22SHLB220D
PL22SHLY220D
PL22SHLG220D
220 VAC
PL22SHLR220A
PL22SHLW220A
PL22SHLB220A
PL22SHLY220A
PL22SHLG220A
380 VAC
PL22SHLR380A
PL22SHLW380A
PL22SHLB380A
PL22SHLY380A
PL22SHLG380A
6 VAC/DC
PL22SRLR06
PL22SRLW06
PL22SRLB06
PL22SRLY06
PL22SRLG06
12 VAC/DC
PL22SRLR12
PL22SRLW12
PL22SRLB12
PL22SRLY12
PL22SRLG12
24 VAC/DC
PL22SRLR24
PL22SRLW24
PL22SRLB24
PL22SRLY24
PL22SRLG24
48 VAC/DC
PL22SRLR48
PL22SRLW48
PL22SRLB48
PL22SRLY48
PL22SRLG48
110 VAC/DC
PL22SRLR110
PL22SRLW110
PL22SRLB110
PL22SRLY110
PL22SRLG110
220 VDC
PL22SRLR220D
PL22SRLW220D
PL22SRLB220D
PL22SRLY220D
PL22SRLG220D
220 VAC
PL22SRLR220A
PL22SRLW220A
PL22SRLB220A
PL22SRLY220A
PL22SRLG220A
380 VAC
PL22SRLR380A
PL22SRLW380A
PL22SRLB380A
PL22SRLY380A
PL22SRLG380A
6 VAC/DC
PL22SLLR06
PL22SLLW06
PL22SLLB06
PL22SLLY06
PL22SLLG06
12 VAC/DC
PL22SLLR12
PL22SLLW12
PL22SLLB12
PL22SLLY12
PL22SLLG12
24 VAC/DC
PL22SLLR24
PL22SLLW24
PL22SLLB24
PL22SLLY24
PL22SLLG24
48 VAC/DC
PL22SLLR48
PL22SLLW48
PL22SLLB48
PL22SLLY48
PL22SLLG48
110 VAC/DC
PL22SLLR110
PL22SLLW110
PL22SLLB110
PL22SLLY110
PL22SLLG110
220 VDC
PL22SLLR220D
PL22SLLW220D
PL22SLLB220D
PL22SLLY220D
PL22SLLG220D
220 VAC
PL22SLLR220A
PL22SLLW220A
PL22SLLB220A
PL22SLLY220A
PL22SLLG220A
380 VAC
PL22SLLR380A
PL22SLLW380A
PL22SLLB380A
PL22SLLY380A
PL22SLLG380A
6 VAC/DC
PL22STLR06
PL22STLW06
PL22STLB06
PL22STLY06
PL22STLG06
12 VAC/DC
PL22STLR12
PL22STLW12
PL22STLB12
PL22STLY12
PL22STLG12
24 VAC/DC
PL22STLR24
PL22STLW24
PL22STLB24
PL22STLY24
PL22STLG24
48 VAC/DC
PL22STLR48
PL22STLW48
PL22STLB48
PL22STLY48
PL22STLG48
110 VAC/DC
PL22STLR110
PL22STLW110
PL22STLB110
PL22STLY110
PL22STLG110
220 VDC
PL22STLR220D
PL22STLW220D
PL22STLB220D
PL22STLY220D
PL22STLG220D
220 VAC
PL22STLR220A
PL22STLW220A
PL22STLB220A
PL22STLY220A
PL22STLG220A
380 VAC
PL22STLR380A
PL22STLW380A
PL22STLB380A
PL22STLY380A
PL22STLG380A
6 VAC/DC
PL22SFLR06
PL22SFLW06
PL22SFLB06
PL22SFLY06
PL22SFLG06
12 VAC/DC
PL22SFLR12
PL22SFLW12
PL22SFLB12
PL22SFLY12
PL22SFLG12
24 VAC/DC
PL22SFLR24
PL22SFLW24
PL22SFLB24
PL22SFLY24
PL22SFLG24
48 VAC/DC
PL22SFLR48
PL22SFLW48
PL22SFLB48
PL22SFLY48
PL22SFLG48
110 VAC/DC
PL22SFLR110
PL22SFLW110
PL22SFLB110
PL22SFLY110
PL22SFLG110
220 VDC
PL22SFLR220D
PL22SFLW220D
PL22SFLB220D
PL22SFLY220D
PL22SFLG220D
220 VAC
PL22SFLR220A
PL22SFLW220A
PL22SFLB220A
PL22SFLY220A
PL22SFLG220A
380 VAC
PL22SFLR380A
PL22SFLW380A
PL22SFLB380A
PL22SFLY380A
PL22SFLG380A
22mm Compact
(39mm behind
panel depth)
6 VAC/DC
PL22CHLR06
PL22CHLW06
PL22CHLB06
PL22CHLY06
PL22CHLG06
12 VAC/DC
PL22CHLR12
PL22CHLW12
PL22CHLB12
PL22CHLY12
PL22CHLG12
24 VAC/DC
PL22CHLR24
PL22CHLW24
PL22CHLB24
PL22CHLY24
PL22CHLG24
48 VAC/DC
PL22CHLR48
PL22CHLW48
PL22CHLB48
PL22CHLY48
PL22CHLG48
110 VAC/DC
PL22CHLR110
PL22CHLW110
PL22CHLB110
PL22CHLY110
PL22CHLG110
220 VDC
PL22CHLR220D
PL22CHLW220D
PL22CHLB220D
PL22CHLY220D
PL22CHLG220D
220 VAC
PL22CHLR220A
PL22CHLW220A
PL22CHLB220A
PL22CHLY220A
PL22CHLG220A
380 VAC
PL22CHLR380A
PL22CHLW380A
PL22CHLB380A
PL22CHLY380A
PL22CHLG380A
6 VAC/DC
PL22CRLR06
PL22CRLW06
PL22CRLB06
PL22CRLY06
PL22CRLG06
12 VAC/DC
PL22CRLR12
PL22CRLW12
PL22CRLB12
PL22CRLY12
PL22CRLG12
24 VAC/DC
PL22CRLR24
PL22CRLW24
PL22CRLB24
PL22CRLY24
PL22CRLG24
48 VAC/DC
PL22CRLR48
PL22CRLW48
PL22CRLB48
PL22CRLY48
PL22CRLG48
110 VAC/DC
PL22CRLR110
PL22CRLW110
PL22CRLB110
PL22CRLY110
PL22CRLG110
220 VDC
PL22CRLR220D
PL22CRLW220D
PL22CRLB220D
PL22CRLY220D
PL22CRLG220D
220 VAC
PL22CRLR220A
PL22CRLW220A
PL22CRLB220A
PL22CRLY220A
PL22CRLG220A
380 VAC
PL22CRLR380A
PL22CRLW380A
PL22CRLB380A
PL22CRLY380A
PL22CRLG380A
6 VAC/DC
PL22CLLR06
PL22CLLW06
PL22CLLB06
PL22CLLY06
PL22CLLG06
12 VAC/DC
PL22CLLR12
PL22CLLW12
PL22CLLB12
PL22CLLY12
PL22CLLG12
24 VAC/DC
PL22CLLR24
PL22CLLW24
PL22CLLB24
PL22CLLY24
PL22CLLG24
48 VAC/DC
PL22CLLR48
PL22CLLW48
PL22CLLB48
PL22CLLY48
PL22CLLG48
110 VAC/DC
PL22CLLR110
PL22CLLW110
PL22CLLB110
PL22CLLY110
PL22CLLG110
220 VDC
PL22CLLR220D
PL22CLLW220D
PL22CLLB220D
PL22CLLY220D
PL22CLLG220D
220 VAC
PL22CLLR220A
PL22CLLW220A
PL22CLLB220A
PL22CLLY220A
PL22CLLG220A
380 VAC
PL22CLLR380A
PL22CLLW380A
PL22CLLB380A
PL22CLLY380A
PL22CLLG380A
6 VAC/DC
PL22CTLR06
PL22CTLW06
PL22CTLB06
PL22CTLY06
PL22CTLG06
12 VAC/DC
PL22CTLR12
PL22CTLW12
PL22CTLB12
PL22CTLY12
PL22CTLG12
24 VAC/DC
PL22CTLR24
PL22CTLW24
PL22CTLB24
PL22CTLY24
PL22CTLG24
48 VAC/DC
PL22CTLR48
PL22CTLW48
PL22CTLB48
PL22CTLY48
PL22CTLG48
110 VAC/DC
PL22CTLR110
PL22CTLW110
PL22CTLB110
PL22CTLY110
PL22CTLG110
220 VDC
PL22CTLR220D
PL22CTLW220D
PL22CTLB220D
PL22CTLY220D
PL22CTLG220D
220 VAC
PL22CTLR220A
PL22CTLW220A
PL22CTLB220A
PL22CTLY220A
PL22CTLG220A
380 VAC
PL22CTLR380A
PL22CTLW380A
PL22CTLB380A
PL22CTLY380A
PL22CTLG380A
High Lens
Concentric
Lens
Low Lens
Teeth Lens
Flashing
Light
High Lens
Concentric
Lens
Low Lens
Teeth Lens
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com