Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHP620LFST1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NHP620LFST1G
Description  Switch-mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHP620LFST1G Datasheet(HTML) 4 Page - ON Semiconductor

  NHP620LFST1G Datasheet HTML 1Page - ON Semiconductor NHP620LFST1G Datasheet HTML 2Page - ON Semiconductor NHP620LFST1G Datasheet HTML 3Page - ON Semiconductor NHP620LFST1G Datasheet HTML 4Page - ON Semiconductor NHP620LFST1G Datasheet HTML 5Page - ON Semiconductor NHP620LFST1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NHP620LFS, NRVHP620LFS
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 6. Current Derating per Device
Figure 7. Forward Power Dissipation
TC, CASE TEMPERATURE (°C)
IF(AV), AVERAGE FORWARD CURRENT (A)
10
60
80
0
130
100
85
70
40
25
145
175
1
3
6
TJ = 175°C
DC
0
4
3
1
06
25
Square Wave
(Duty = 0.5)
2
4
5
20
30
70
40
50
55
115
160
RqJC = 1.31°C/W
TJ = 175°C
DC
Square Wave
(Duty = 0.5)
100
90
Figure 8. Typical Thermal Characteristics, Junction−to−Ambient
PULSE TIME (sec)
0.01
0.001
10
0.0001
0.1
0.00001
1
0.0000001
0.001
0.1
1
10
100
100
1000
50% Duty Cycle
Single Pulse
20%
10%
5%
2%
1%
0.01
0.000001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com