Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSPIN32G4-ACT Datasheet(PDF) 8 Page - STMicroelectronics

Part # EVLSPIN32G4-ACT
Description  STSPIN32G4 reference design for next generation smart actuators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSPIN32G4-ACT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EVLSPIN32G4-ACT Datasheet HTML 4Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 5Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 6Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 7Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 8Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 9Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 10Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 11Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Item
Q.ty
Reference
Description
Value
32
1
D3
Transient voltage suppressor diode SMA
N.M.
33
3
D4, D5, D6
Small signal Schottky diodes SOD-523
BAT30K
34
1
FLX1
Flexible cable for STWIN.box, 40mm length
STEVAL-FLTCB04
35
2
JP1, JP2
SMT jumper 0805
Open
36
1
LED1
Chip LED 0603
Green
37
1
LED2
Chip LED 0603
Yellow
38
1
LED3
Chip LED 0805
Red
39
1
L1
WE-LQS SMT semi-shielded power inductor
15uH, 1.4A, 20%
40
1
L2
Robust SMT shielded power inductor
22uH, 1.41A, 20%
41
3
NET1, NET2,
NET3
PCB short
N.M.
42
1
NTC1
NTC thermistor 0603
10k, 1%
43
6
Q1, Q2, Q3, Q4,
Q5, Q6
N-channel 100V, 14.5 mohm typ., 12A, STripFET F7 DeepGATE
power MOSFET
STL60N10F7
44
2
R1, R27
SMT resistor 0402
4.7k, 0.064W, 1%
45
7
R2, R15, R16,
R22, R23, R28,
R29
SMT resistor 0402
1.5k, 0.064W, 1%
46
1
R3
SMT resistor 0603
0, 0.1W, 5%
47
1
R4
SMT resistor 0402
22k, 0.064W, 1%
48
1
R5
SMT resistor 0402
10k, 0.064W, 1%
49
6
R6, R7, R9, R10,
R12, R13
SMT resistor 0603
100, 0.1W, 5%
50
3
R8, R11, R14
SMT resistor 1206
20m, 1W, 1%
51
6
R17, R18, R24,
R25, R30, R31
SMT resistor 0402
30k, 0.064W, 1%
52
3
R19, R26, R32
SMT resistor 0402
15k, 0.064W, 1%
53
1
R20
SMT resistor 0402
72.3k, 0.064W, 1%
54
1
R21
SMT resistor 0402
3.01k, 0.064W, 1%
55
R33, R34
SMT resistor 0402
4.7k, 0.064W, 5%
56
16
R35, R36, R37,
R38, R39, R40,
R41, R42, R43,
R44, R45, R46,
R47, R48, R57,
R64
SMT resistor 0402
200, 0.064W, 5%
57
1
R49
SMT resistor 0402
10k, 0.064W, 5%
58
1
R50
SMT resistor 0402
N.M.
59
2
R51, R63
SMT resistor 0402
100k, 0.064W, 5%
60
6
R52, R53, R55,
R58, R59, R60
SMT resistor 0402
10k, 0.064W, 5%
61
1
R54
SMT resistor 0402
120, 0.064W, 5%
62
1
R56
SMT resistor 0402
330, 0.064W, 5%
63
3
R61, R62, R66
SMT resistor 0402
N.M.
64
1
R65
SMT resistor 0805
10k, 0.5W, 5%
65
2
SB1, SB3
SMT resistor 0603
0, 0.1W, 5%
EVLSPIN32G4-ACT
Bill of material
DB5035 - Rev 1
page 8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com