Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSG Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # PSG
Description  General-Purpose and Sensor Power Supplies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PSG Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  PSG Datasheet HTML 1Page - Eaton All Rights Reserved. PSG Datasheet HTML 2Page - Eaton All Rights Reserved. PSG Datasheet HTML 3Page - Eaton All Rights Reserved. PSG Datasheet HTML 4Page - Eaton All Rights Reserved. PSG Datasheet HTML 5Page - Eaton All Rights Reserved. PSG Datasheet HTML 6Page - Eaton All Rights Reserved. PSG Datasheet HTML 7Page - Eaton All Rights Reserved. PSG Datasheet HTML 8Page - Eaton All Rights Reserved. PSG Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
V7-T6-4
Volume 7—Logic Control, Operator Interface and Connectivity Solutions
CA08100008E—January 2014
www.eaton.com
Proof #3 — Zoltun Design — 1/16/14
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6.1
Power Supplies
General-Purpose and Sensor Power Supplies
Catalog Number Selection
PSG Series
Note: Not all combinations are available. See Pages V7-T6-5–V7-T6-12 for all available combinations.
Series
PSG = PSG power supply
Output Watts
15 = 15W
30 = 30W
60 = 60W
100 = 100W
120 = 120W
240 = 240W
480 = 480W
960 = 960W
Model
E = Single-phase
F = Three-phase
R = Redundancy module
B = Buffer module
N = NEC Class II
Output Voltage
24 = 24 Vdc
12 = 12 Vdc
Blank = 24 Vdc
Terminals
S = Screw
R = Finger-safe
Blank = Screw
Housing
M = Aluminum
P = Plastic
Blank = Aluminum
PSG 240 F 24 R M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com