Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXM6010/02P/ST Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PXM6010/02P/ST
Description  Robust, instant connections for harsh environments
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM6010/02P/ST Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PXM6010/02P/ST Datasheet HTML 1Page - Elektron Components Ltd. PXM6010/02P/ST Datasheet HTML 2Page - Elektron Components Ltd. PXM6010/02P/ST Datasheet HTML 3Page - Elektron Components Ltd. PXM6010/02P/ST Datasheet HTML 4Page - Elektron Components Ltd. PXM6010/02P/ST Datasheet HTML 5Page - Elektron Components Ltd. PXM6010/02P/ST Datasheet HTML 6Page - Elektron Components Ltd. PXM6010/02P/ST Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
bulgin
a brand of Elektron Technology
Retaining Nut
Push/Pull Coupling Ring
Contact Carriers
Cable Gland
Gland Nut
Panel Gasket
O-Ring Seal
*patent applied for
For Power
METAL VERSION
√ Push/pull latching mechanism*
√ 30° twist locking*
√ IP66, IP68 and IP69K when mated
√ All metal body version; brass, nickel plated
√ Flex, flex in-line & panel mount body styles, with sealing caps
√ Polarisation and visual alignment features
√ 2 to 22 poles – up to 16A, 277V rated
√ ‘Scoop proof’ contacts
√ Cable braid termination accessory
√ cULus, VDE, CCC approvals (pending)
Secure, instant latching. Quick connector mating and release
Tamperproof lock prevents accidental un-mating
Suitable for a wide range of dust and water borne environments
Robust construction offering protection against EMI
Complete family of products maintain sealing integrity in all styles
Aids the correct mating of connectors
Suitable for mains power to signal applications
Prevents damage through mis-mating – ideal for ‘blind mating’
applications
Maintains continuity between cable screen and connector body
Internationally recognised certification
Robust, instant connections for harsh environments
The all metal construction 6000 Series Buccaneer - circular connectors that combine the ease of
use of a push/pull coupling mechanism with proven environmental sealing for signal and mains
power.
Designed and independently tested to IP66, IP68 & IP69K standards, they are ideal for applications
where ingress of dust and water must be avoided and where ease of connection, space and
appearance are important considerations
bulgin.com
Page 1 of 7
6000 Series Buccaneer®
Collet


Similar Part No. - PXM6010/02P/ST

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXM6010/02P/ST BULGINLIMITED-PXM6010/02P/ST Datasheet
408Kb / 8P
6000 Series Buccaneer
PXM6010/02P/ST/0405/XX BULGINLIMITED-PXM6010/02P/ST/0405/XX Datasheet
408Kb / 8P
6000 Series Buccaneer
PXM6010/02P/ST/0507/XX BULGINLIMITED-PXM6010/02P/ST/0507/XX Datasheet
408Kb / 8P
6000 Series Buccaneer
PXM6010/02P/ST/0709/XX BULGINLIMITED-PXM6010/02P/ST/0709/XX Datasheet
408Kb / 8P
6000 Series Buccaneer
PXM6010/02P/ST/0910/XX BULGINLIMITED-PXM6010/02P/ST/0910/XX Datasheet
408Kb / 8P
6000 Series Buccaneer
More results

Similar Description - PXM6010/02P/ST

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
Analog PE Smoke Sensor for Harsh Environments
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
IP68 sealed to endure harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com