Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXM6010/02S/ST Datasheet(PDF) 6 Page - Elektron Components Ltd.

Part # PXM6010/02S/ST
Description  Robust, instant connections for harsh environments
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM6010/02S/ST Datasheet(HTML) 6 Page - Elektron Components Ltd.

  PXM6010/02S/ST Datasheet HTML 1Page - Elektron Components Ltd. PXM6010/02S/ST Datasheet HTML 2Page - Elektron Components Ltd. PXM6010/02S/ST Datasheet HTML 3Page - Elektron Components Ltd. PXM6010/02S/ST Datasheet HTML 4Page - Elektron Components Ltd. PXM6010/02S/ST Datasheet HTML 5Page - Elektron Components Ltd. PXM6010/02S/ST Datasheet HTML 6Page - Elektron Components Ltd. PXM6010/02S/ST Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
bulgin
a brand of Elektron Technology
Metal Version
SPECIFICATION
Material:
Body:
Brass, Nickel plated
Colour:
Matt Silver
Contacts:
Brass, Nickel plated
(2A – Gold plated)
O Rings & Gaskets:
Silicon
RoHS
Compliant
Electrical:
No. Poles:
23
8
16
22
Rated cable
18
18
18
22
26
AWG AWG AWG AWG AWG
Current Rating:
See de-rating curves for
further information
CCC, UL and VDE (pending)
16A
16A
10A
3A
2A
cUL (pending)
13A
12A
8A
3A
2A
Voltage Rating (ac/dc):
277V 277V 277V
60V
60V
Contact Resistance:
<10m
Ω
Insulation Resistance:
>106M
Ω@500Vdc
AC Breakdown voltage:
2 pole
>10kV
3 pole
>8kV
8 to 22 pole
>5kV
Operating Temp. Range:
–40°C to +120°C
Approvals (pending):
UL
UL1977
CSA
C22.2 No.182.3-M1987 (R2009)
VDE
IEC 61984:2009
CCC
GB/T11918 and GB/T11919
Mated dimensions - Flex to panel connector
Mated dimensions - Flex connector to in-line
connector
Mechanical:
Locking mechanism
Push/pull with 30˚ locking
Patent applied for
Sealing:
IP66 to EN60529:1992
IP68 to EN60529:1992 (10m depth for 2
weeks)
IP69k to DIN 40050-9
Contact Accommodation:
2 & 3 pole crimp
14 to 18AWG
2 & 3 pole screw terminals
1.5mm² max
8 pole crimp
18 to 20AWG
16 pole crimp
22 to 26AWG
22 pole crimp
22 to 26AWG
Cable Acceptance:
4-10mm dia.
Cable retention force
(to BS EN61984):
4 - 9mm dia cable
80N
9 - 10mm dia cable
100N
Terminations:
2 Pole:
Screw Terminals & Crimp Contacts
3 Pole:
Screw Terminals & Crimp Contacts
8 Pole:
Crimp Contacts
16 Pole:
Crimp Contacts
22 Pole:
Crimp Contacts
Tightening Torques:
Gland Nut:
1.13Nm (10lb.in)
Panel Nut:
1.7Nm (15lbf.in.)
Panel Nut Thread:
M22 x 1.5-6g
Dimensions:
Diameter: (over coupling ring)
32mm
Diameter: (panel hole cut-out)
22.5mm
Page 6 of 7
6000 Series Buccaneer®
bulgin.com
Panel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com