Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP6011/02P/ST Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PXP6011/02P/ST
Description  Robust, instant connections for harsh environments
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXP6011/02P/ST Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PXP6011/02P/ST Datasheet HTML 1Page - Elektron Components Ltd. PXP6011/02P/ST Datasheet HTML 2Page - Elektron Components Ltd. PXP6011/02P/ST Datasheet HTML 3Page - Elektron Components Ltd. PXP6011/02P/ST Datasheet HTML 4Page - Elektron Components Ltd. PXP6011/02P/ST Datasheet HTML 5Page - Elektron Components Ltd. PXP6011/02P/ST Datasheet HTML 6Page - Elektron Components Ltd. PXP6011/02P/ST Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
bulgin
a brand of Elektron Technology
PXP6011/P
PXP6011/S
PXP6010/P
PXP6010/S
PXP6012/P
PXP6012/S
Page 2 of 7
bulgin.com
Thermo-plastic Version
√ Mates with Flex Cable
connector PXP6010
√ For in-line cable connection
√ Pin or socket versions
√ Leading earth on 3 pole
connectors
√ 2, 3, 8, 16 and 22 pole
√ Screw and crimp termination
Poles
Termination
Pin Contacts
Socket Contacts
Contacts
2
Screw
PXP6011/02P/ST
PXP6011/02S/ST
Supplied Fitted
2
Crimp
PXP6011/02P/CR
PXP6011/02S/CR
Order separately
3
Screw
PXP6011/03P/ST
PXP6011/03S/ST
Supplied Fitted
3
Crimp
PXP6011/03P/CR
PXP6011/03S/CR
Order separately
8
Crimp
PXP6011/08P/CR
PXP6011/08S/CR
Order separately
16
Crimp
PXP6011/16P/CR
PXP6011/16S/CR
Order separately
22
Crimp
PXP6011/22P/CR
PXP6011/22S/CR
Order separately
√ Mates with In-Line Flex or Panel
Mounting versions PXP6011 &
PXP6012
√ Push/pull locking ring with
30˚ twist locking
√ Pin or socket versions
√ Leading earth on 3 pole
connectors
√ 2, 3, 8, 16 & 22 pole
√ Screw and crimp termination
Poles
Termination
Pin Contacts
Socket Contacts
Contacts
2
Screw
PXP6010/02P/ST
PXP6010/02S/ST
Supplied Fitted
2
Crimp
PXP6010/02P/CR
PXP6010/02S/CR
Order Separately
3
Screw
PXP6010/03P/ST
PXP6010/03S/ST
Supplied Fitted
3
Crimp
PXP6010/03P/CR
PXP6010/03S/CR
Order Separately
8
Crimp
PXP6010/08P/CR
PXP6010/08S/CR
Order Separately
16
Crimp
PXP6010/16P/CR
PXP6010/16S/CR
Order Separately
22
Crimp
PXP6010/22P/CR
PXP6010/22S/CR
Order Separately
Poles
Termination
Pin Contacts
Socket Contacts
Contacts
2
Screw
PXP6012/02P/ST
PXP6012/02S/ST
Supplied Fitted
2
Crimp
PXP6012/02P/CR
PXP6012/02S/CR
Order separately
3
Screw
PXP6012/03P/ST
PXP6012/03S/ST
Supplied Fitted
3
Crimp
PXP6012/03P/CR
PXP6012/03S/CR
Order separately
8
Crimp
PXP6012/08P/CR
PXP6012/08S/CR
Order separately
16
Crimp
PXP6012/16P/CR
PXP6012/16S/CR
Order separately
22
Crimp
PXP6012/22P/CR
PXP6012/22S/CR
Order separately
FLEX CABLE CONNECTOR
IN-LINE FLEX CABLE CONNECTOR
√ Mates with Flex Cable
connectors PXP6010
√ Front panel mounting
√ Single hole fixing
√ Pin or socket versions
√ Leading earth on 3 pole
connectors
√ 2, 3, 8, 16 and 22 pole
√ Screw and crimp termination
FRONT PANEL MOUNTING CONNECTOR
6000 Series Buccaneer®



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com