Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45370/20 Datasheet(PDF) 1 Page - Alpha Wire

Part # 45370/20
Description  16 (19/.0117) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

45370/20 Datasheet(HTML) 1 Page - Alpha Wire

  45370/20 Datasheet HTML 1Page - Alpha Wire 45370/20 Datasheet HTML 2Page - Alpha Wire 45370/20 Datasheet HTML 3Page - Alpha Wire 45370/20 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 45370/20
Construction
 
Diameters (In)
1) Component 1
20 X 1 COND
 
a) Conductor
16 (19/.0117) AWG Tinned Copper
0.059
b) Insulation
0.016" Wall, Nom. TPE
0.091
(1) Color Code
Alpha Wire Color Code D
Cond Color
Cond Color
Cond Color
1
BLACK
8
YELLOW
15
RED/BLACK
2
RED
9
VIOLET
16
WHITE/BLACK
3
WHITE
10
SLATE
17
WHITE/RED
4
GREEN
11
PINK
18
WHITE/GREEN
5
ORANGE 12
TAN
19
WHITE/YELLOW
6
BLUE
13
RED/GREEN20
WHITE/BLUE
7
BROWN 14
RED/YELLOW
 
2) Cable Assembly
20 Components Cabled
 
a) Twists:
1.7 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
16 (19/.0117) AWG Tinned Copper
 
4) Jacket
0.055" Wall, Nom.,TPE
0.597 (0.619 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 45370/20 20C 16 AWG
XTRAGUARD(R) 4 (UL) TYPE PLTC 105C SUN RES OR AWM
20237/21918 125C 300 V OR
CRU AWM I/II A/B 125C 300 V FT1
P-07-KA140023-MSHA CE ROHS
(SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 45370/20

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45370/25 ALPHAWIRE-45370/25 Datasheet
94Kb / 5P
Customer Specification
1/5/2023
More results

Similar Description - 45370/20

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9039A GENERAL-C9039A Datasheet
71Kb / 1P
2C 16 AWG 19/.0117 TC PVC / PVC
C9041A GENERAL-C9041A Datasheet
71Kb / 1P
3C 16 AWG 19/.0117 TC PVC / PVC
C9042A GENERAL-C9042A Datasheet
71Kb / 1P
4C 16 AWG 19/.0117 TC PVC / PVC
C9043A GENERAL-C9043A Datasheet
71Kb / 1P
6C 16 AWG 19/.0117 TC PVC / PVC
C9044A GENERAL-C9044A Datasheet
71Kb / 1P
8C 16 AWG 19/.0117 TC PVC / PVC
C9045A GENERAL-C9045A Datasheet
71Kb / 1P
10C 16 AWG 19/.0117 TC PVC / PVC
C9138A GENERAL-C9138A Datasheet
71Kb / 1P
2C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9140A GENERAL-C9140A Datasheet
71Kb / 1P
3C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9144A GENERAL-C9144A Datasheet
71Kb / 1P
8C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9145A GENERAL-C9145A Datasheet
71Kb / 1P
10C 16 AWG 19/.0117 TC PVC / OAS / PVC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com