Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXM6033TP Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PXM6033TP
Description  Robust, instant connections for harsh environments
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM6033TP Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PXM6033TP Datasheet HTML 1Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 2Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 3Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 4Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 5Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
bulgin
a brand of Elektron Technology
IP66
IP68
Gland Nut
Gland Cage
O-Ring Seal
Panel
Gasket
Cable Gland
Push/Pull
Locking Ring
Standard RJ45
Sealed Ethernet Coupler
Retaining
Nut
w : elektron-bulgin.com
For Data — Ethernet
THERMO-PLASTIC & METAL VERSIONS
Robust, instant connections for harsh environments
6000 Series Buccaneer - circular connectors that combine the ease of use of a push/pull coupling
mechanism with proven environmental sealing. Available with metal or plastic bodies, the range
supports Ethernet and USB data interfaces.
Designed and independently tested to IP66, IP68 & IP69K standards, they are ideal for applications
where ingress of dust and water must be avoided and where ease of connection, space and
appearance are important considerations.
*patent applied for
Push-pull locking system*
30˚ twist locking*
IP66, IP68 and IP69K when mated
Independent sealing tests
Cat 5e compliant
PUR jacket on cable
Shielded system
Cat 5e shielded coupler
Visual mating indication
Rewireable flex connector
Earth lead version of panel adaptor on plastic connector
Metal connector grounded to cable screen
Sealed through panel Ethernet
Secure, instant locking. Quick connector mating and release
Prevents accidental un-mating
Suitable for a wide range of dust and water borne environments
IP Ratings independently verified
Data rate up to 100MHz
Good chemical resistance, flame retardant
High noise immunity and EMI protection
Maintains shielding
Alignment indicator reduces risk of damage during mating
Ability to ‘field’ terminate
Continuous screening of panel mount connector
Continuous screening of panel mount connector
Prevent water ingress into equipment
6000 Series Buccaneer®
Page 1 of 7


Similar Part No. - PXM6033TP

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXM6033TP BULGINLIMITED-PXM6033TP Datasheet
878Kb / 5P
6000 Series - Ethernet Buccaneer
More results

Similar Description - PXM6033TP

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
Analog PE Smoke Sensor for Harsh Environments
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
IP68 sealed to endure harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com