Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP6012/02S/ST Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PXP6012/02S/ST
Description  Robust, instant connections for harsh environments
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXP6012/02S/ST Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PXP6012/02S/ST Datasheet HTML 1Page - Elektron Components Ltd. PXP6012/02S/ST Datasheet HTML 2Page - Elektron Components Ltd. PXP6012/02S/ST Datasheet HTML 3Page - Elektron Components Ltd. PXP6012/02S/ST Datasheet HTML 4Page - Elektron Components Ltd. PXP6012/02S/ST Datasheet HTML 5Page - Elektron Components Ltd. PXP6012/02S/ST Datasheet HTML 6Page - Elektron Components Ltd. PXP6012/02S/ST Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
bulgin
a brand of Elektron Technology
Page 1 of 7
6000 Series Buccaneer®
bulgin.com
Robust, instant connections for harsh environments
The all plastic construction 6000 Series Buccaneer - circular connectors that combine the ease of
use of a push/pull coupling mechanism with proven environmental sealing for signal and mains
power.
Designed and independently tested to IP66, IP68 & IP69K standards, they are ideal for applications
where ingress of dust and water must be avoided and where ease of connection, space and
appearance are important considerations.
For Power
THERMO-PLASTIC VERSION
√ Push/pull latching mechanism*
√ 30° twist locking*
√ IP66, IP68 and IP69K when mated
√ All plastic body version; UL94-V0 rated, UV stable,
halogen free
√ Flex,flexin-line&panelmount bodystyles,withsealingcaps
√ Polarisation and visual alignment features
√ 2 to 22 poles – up to 16A, 277V rated
√ ‘Scoop proof’ contacts
√ cULs, UL, VDE, CCC approvals (pending)
Secure, instant latching. Quick connector mating and release
Tamperproof lock prevents accidental un-mating
Suitable for a wide range of dust and water borne environments
Light-weight, self-extinguishing material suitable for long-term
outdoor use
Complete family of products maintain sealing integrity in all styles
Aids the correct mating of connectors
Suitable for mains power to signal applications
Prevents damage through mis-mating – ideal for ‘blind mating’
applications
Internationally recognised certification
*patent applied for
Retaining Nut
Push/Pull Coupling Ring
Contact Carriers
Cable Gland
Gland Nut
Panel Gasket
O-Ring Seal
Collet


Similar Part No. - PXP6012/02S/ST

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXP6012/02S/ST BULGINLIMITED-PXP6012/02S/ST Datasheet
408Kb / 8P
6000 Series Buccaneer
PXP6012/02S/ST/0405/XX BULGINLIMITED-PXP6012/02S/ST/0405/XX Datasheet
408Kb / 8P
6000 Series Buccaneer
PXP6012/02S/ST/0507/XX BULGINLIMITED-PXP6012/02S/ST/0507/XX Datasheet
408Kb / 8P
6000 Series Buccaneer
PXP6012/02S/ST/0709/XX BULGINLIMITED-PXP6012/02S/ST/0709/XX Datasheet
408Kb / 8P
6000 Series Buccaneer
PXP6012/02S/ST/0910/XX BULGINLIMITED-PXP6012/02S/ST/0910/XX Datasheet
408Kb / 8P
6000 Series Buccaneer
More results

Similar Description - PXP6012/02S/ST

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
Analog PE Smoke Sensor for Harsh Environments
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
IP68 sealed to endure harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com