Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5170/30C Datasheet(PDF) 1 Page - Alpha Wire

Part # 5170/30C
Description  18 (16/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5170/30C Datasheet(HTML) 1 Page - Alpha Wire

  5170/30C Datasheet HTML 1Page - Alpha Wire 5170/30C Datasheet HTML 2Page - Alpha Wire 5170/30C Datasheet HTML 3Page - Alpha Wire 5170/30C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 5170/30C
Construction
 
Diameters (In)
1) Component 1
30 X 1 COND
 
a) Conductor
18 (16/30) AWG Tinned Copper
0.047
b) Insulation
0.016" Wall, Nom. PVC
0.079
(1) Color Code
Alpha Wire Color Code D
Cond Color
Cond Color
Cond Color
1
BLACK
11
PINK
21
WHITE/BROWN
2
RED
12
TAN
22
WHITE/ORANGE
3
WHITE
13
RED/GREEN23
WHITE/SLATE
4
GREEN
14
RED/YELLOW24
WHITE/VIOLET
5
ORANGE 15
RED/BLACK 25
WHITE/BLACK/RED
6
BLUE
16
WHITE/BLACK
26
WHITE/BLACK/GREEN
7
BROWN 17
WHITE/RED 27
WHITE/BLACK/YELLOW
8
YELLOW 18
WHITE/GREEN
28
WHITE/BLACK/BLUE
9
VIOLET
19
WHITE/YELLOW
29
WHITE/BLACK/BROWN
10
SLATE
20
WHITE/BLUE30
WHITE/BLACK/ORANGE
2) Cable Assembly
30 Components Cabled
 
a) Twists:
1.6 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Shield:
A/P/A Tape, 20% Overlap, Min.
 
a) Drain Wire
18 (16/30) AWG Tinned Copper
 
b) Braid
Tinned Copper,70% Coverage, Nom.
 
4) Jacket
0.053" Wall, Nom.,PVC
0.644 (0.669 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5170/30C 30C 18 AWG
XTRAGUARD(R) 1 SHIELDED (UL) TYPE CM 105C SUN RES
OR AWM 2464 80C 300V OR AWM 2517 105C 300V
VW-1 OR C(UL) TYPE CMG 105C FT4 CE ROHS
OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]


Similar Part No. - 5170/30C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5170/15C ALPHAWIRE-5170/15C Datasheet
99Kb / 5P
Customer Specification
12/5/2022
5170/15C ALPHAWIRE-5170/15C Datasheet
412Kb / 4P
18 (16/30) AWG Tinned Copper
5170/20C ALPHAWIRE-5170/20C Datasheet
413Kb / 4P
18 (16/30) AWG Tinned Copper
5170/25C ALPHAWIRE-5170/25C Datasheet
94Kb / 5P
Customer Specification
1/11/2023
More results

Similar Description - 5170/30C

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1346630 ETC2-1346630 Datasheet
99Kb / 3P
16 AWG pairs stranded (19x29) tinned copper conductors
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com