Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-1-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PCB-1-R
Description  Printed Circuit Board Fuses PC-Tron® Subminiature Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PCB-1-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PCB-1-R Datasheet HTML 1Page - Cooper Bussmann, Inc. PCB-1-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Printed Circuit Board Fuses
PC-Tron®
PC-Tron® Subminiature Fuses
Series
Form No. PC-Tron Series
Page 2 of 2
BIF Doc #2034
Bussmann®
12-28-98
SB98107
Rev. A
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
BUSS
PC_
250V
.350"
(8.89mm)
.200" + .008"
(0.51mm + .127mm)
.020"
(0.51mm)
.345"
(8.76mm)
.015"
(0.38mm)
.0.25"
(0.64mm)
.075"
(1.91mm)
.15"
(3.81mm)
.184"
(4.67mm)
Suface Mount Fuse (PCH, PCI)
Packaging & Ordering Information:
Standard Fuse
Packaging
Catalog
Ampere
Code
Symbol
Rating
Std. — (5-in)
H - 1/2 — 3A
(1/2, 3/4, 1, 1-1/2,
BK/ Bulk
I - 5A
2, 2-1/2, 3, and 5)
(5A available only
as PCI)
PC
BUSS
PCG
125V
.400"
REF.
.184"
.350"
R
.345"
0.25"
.020"
.015"
.500"
MIN.
Dimensional Data (PCF, PCG)
Packaging & Ordering Information:
Fuse with 0.4” Lead Spacing (contact factory for availability)
Packaging
Catalog
Ampere
Code
Symbol
Rating
Std. — (5-in)
F - 1/2 — 3A
(1/2, 3/4, 1, 1-1/2,
BK/ Bulk
G - 5A
2, 2-1/2, 3, and 5)
(5A available only
as PCG)
PC
Short-Circuit Performance
The PC-Tron® subminiature fuse offers short-circuit perfor-
mance which until now could only be found in much larger
size glass tube fuses. At 250 VAC, the 1/2 to 3 amp PC-Tron
can safely interrupt 50 amperes; at 125 VAC the 1/2 to 5 amp
versions can interrupt 10,000 amperes. This high interrupting
capacity makes the PC-Tron subminiature fuse ideal for line-
side protection of power supplies.
DC Application
The PC-Tron® subminiature fuse is UL recognized for DC sup-
plementary overcurrent protection to provide individual protec-
tion for components or internal circuits in equipment.
The test method detailed below was chosen to emulate DC
Bus application. Suitability for a specific application is depen-
dent on time constants and capacitance values. It is the
responsibility of the customer to evaluate the information pro-
vided for applicability to their particular application.
CURRENT IN AMPERES
10
1
.1
.01
AMPERE
RATING
Time-Current Characteristic Curves–Average Melt
Max. Total Clearing I2t (Amps2 Sec.)
Amp
125 Volts
250 Volts
Rating
50A
1,000A
10,000A
35A & 50A
1/2A
0.006
0.006
0.006
0.006
3/4A
0.016
0.016
0.016
0.016
1A
0.020
0.020
0.020
0.020
1-1/2A
0.090
0.090
0.090
0.090
2A
0.200
0.200
0.200
0.200
2-1/2A
0.300
0.300
0.300
0.300
3A
0.750
0.750
0.750
0.750
5A
5.0
5.0
5.0
—
Note—Power Factor > .90.
Dimensional Data: All tolerances
± .005•
•
± .13 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com