Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PCB-2-R
Description  Printed Circuit Board Fuses PC-Tron® Subminiature Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PCB-2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PCB-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. PCB-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CATALOG SYMBOL: PCB, PCC, PCF, PCH, PCD, PCE,
PCG & PCI
PC-TRON SUBMINIATURE FUSES
Printed Circuit Board Fuses
PC-Tron®
PC-Tron® Subminiature Fuses
Series
Form No. PC-Tron Series
Page 1 of 2
BIF Doc #2034
Bussmann®
12-28-98
SB98107
Rev. A
BUSS
PC
250V
.350"
(8.89mm)
.015"
(0.38mm)
.20"
(5.08mm)
.200"
(5.08mm)
.300"
(7.62mm)
.095"
(2.41mm)
.030"
(2.41mm)
.12"
± .010"
(3.05mm
± 0.25mm)
.290"
(7.37mm)
.025"
(0.64mm)
.750" Full — .100" Short
(19.1mm)
(2.54mm)
.020"
(0.51mm)
.320"
(8.89mm)
Dimensional Data: All tolerances
Electrical Ratings
Catalog
AC
DC
Symbol
Amps
VAC
Interrupting
VDC
Interrupting
PCB, PCC,
0.5 - 2.5
250
50A at 250V
450
300 - 5900A
PCF & PCH
10kA at 125V
PCB, PCC,
2.6 - 3.0
250
50A at 250V
350
300 - 4400A
PCF & PCH
10kA at 125V
PCD, PCE,
5.0
125
10kA at 125V
250
300 - 4200A
PCG & PCI
The radial lead package of the PC-Tron® is ideal for auto inser-
tion using standard industry equipment. The 0.2” lead spacing
aids ease of design. Standard wave soldering techniques will
not affect the electrical performance of this unique fuse. Due
to its molded construction, the device is unaffected by the
board washing process. These features greatly reduce the
product installation cost while increasing reliability.
The PC-Tron® is available in a wide variety of options offering
flexibility to the design engineer. Available in standard pack
(5-in), bulk (100-in), and tape and reel. In addition, the
PC-Tron® may be ordered with short (approximately 0.10”)
or long (0.75”) lead length. The tape and reel comes standard
at 0.75”.
The short lead length may be used with the optional socket.
The auto insertable socket allows field replacement of the
PC-Tron® subminiature fuse.
Time-Current Characteristics
Carry 100% of rating for 4 hrs. minimum. Open at 200% of
rating in 10 sec. maximum.
(Non-Time-Delay. . .extremely low let-through)
Agency Approvals
PCB, PCC, PCD, PDE, PCF, PCG, PCH, and PCI — U.L.
Recognized; File E19180, Guide JDYX2.
PCB, PCC, PCD, PCF, PCG, PCH, PCI, and PDE — CSA
Certified; File 42731, Class 1421-01.
Dimensions and Material
Body:
0.350” x 0.350” x 0.184”; High temperature plastic.
Leads: 0.020” x 0.015” x 0.100” (short) 0.750” (full)
(tape & reel) (Tin-plated copper).
Mounting Socket
Available as option. (Specify catalog number BK/PCS (100-in)
and short fuse lead length — PCC or PCE)
Cold Resistance Data
(10% Rated Current) Nominal Value
1/2A — 1.4
½ 3/4A — .72½
1A — .43
½ 1-1/2A — .24½
2A — .15
½
2-1/2A — .10
½ 3A — .072½ 5A — .023½
Packaging & Ordering Information:
Standard Fuse
Socket
Packaging
Catalog
Ampere
Packaging
Catalog
Code
Symbol
Rating
Code
Symbol
Blank—Std.
B - Full lead legth.
(1/2, 3/4,
Bulk Pack
Pack (5-in)
(250V) (1/2-3A) 1, 1-1/2,
(100-in)
BK/ Bulk
C - Short lead legth. 2, 2-1/2,
(100-in)
(250V) (1/2-3A) 3, and 5)
TR/ Tape
D - Full lead legth.
(5A avail-
& Reel
(125V) (5A)
able only
(500-in)
E - Short lead legth.* as PCD, PCE
(125V) (5A)
or PCG)
*Note—Short lead length not available in tape-and-reel packaging.
Note—Hi-Rel solderability applications should specify solder-dipped leads by
adding -SD suffix to part number.
BK/
PCS
PC
Standard Fuse (PCB, PCD)
Socket (PCS)
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000 VAC, 75-1500 VDC). Refer to BIF document #8002 or contact
Bussmann Application Engineering at 314-527-1270 for more information.
± .005•
•
± .13 mm


Similar Part No. - PCB-2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PCB-2-1/2 COOPER-PCB-2-1/2 Datasheet
240Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
More results

Similar Description - PCB-2-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
SUBMINIATURE FUSES
382 LITTELFUSE-382 Datasheet
92Kb / 2P
SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
SUBMINIATURE FUSES
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
Printed Circuit Board Fuses
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
CC-TRON Time-Delay Fuses
PCH-1-1 COOPER-PCH-1-1 Datasheet
315Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3-R COOPER-PCB-3-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
Subminiature Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com