Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-082BH Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-082BH
Description  DC POWER JACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-082BH Datasheet(HTML) 2 Page - CUI Devices

  PJ-082BH Datasheet HTML 1Page - CUI Devices PJ-082BH Datasheet HTML 2Page - CUI Devices PJ-082BH Datasheet HTML 3Page - CUI Devices PJ-082BH Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | MODEL: PJ-082BH | DESCRIPTION: DC POWER JACK
date 05/15/2024 | page 2 of 4
cuidevices.com
SHIELD-A
SHIELD-B
SHIELD-A
SHIELD-B
MECHANICAL DRAWING
DESCRIPTION
MATERIAL
PLATING/COLOR
center pin
zinc alloy
nickel
terminal 1
zinc alloy
nickel
terminal 2
C5191 t=0.30
silver
stopper
C2680 t=0.40
shield A
SPCC t=0.30
nickel
shield B
SUS 301 t=0.10
housing
PA9T (UL94V-0)
black
Schematic
Model
Center Pin
PJ-082BH
Ø2.5 mm
units: mm
tolerance: ±0.3 mm
PCB: ±0.05 mm
unless otherwise specified
PCB thickness: 1.6 mm
Recommended PCB Layout
Top View
MATING PLUG
Jack Insertion Depth: 8.1 mm
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com