Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPM-2-3511-B Datasheet(PDF) 1 Page - CUI Devices

Part # PPM-2-3511-B
Description  DC POWER PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PPM-2-3511-B Datasheet(HTML) 1 Page - CUI Devices

  PPM-2-3511-B Datasheet HTML 1Page - CUI Devices PPM-2-3511-B Datasheet HTML 2Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 11/07/2019
page 1 of 2
MODEL: PPM-2-3511-B
│ DESCRIPTION: DC POWER PLUG
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
24
Vdc
rated current
3
A
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
operating temperature
-25
70
°C
operating humidity
85
%RH
RoHS compliant
yes
MECHANICAL DRAWING
DESCRIPTION
MATERIAL
PLATING
1
insulator
POM
2
sleeve
brass
nickel
3
center contact
brass
nickel
units: mm
FEATURES
• designed for over-molding
• smooth barrel
• 3A current rating
Additional Resources: Product Page | 3D Model


Similar Part No. - PPM-2-3511-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PPM-2-3511-B CUI-PPM-2-3511-B Datasheet
179Kb / 2P
DC POWER PLUG
PPM-2-3511-BG CUI-PPM-2-3511-BG Datasheet
189Kb / 2P
DC POWER PLUG
logo
CUI Devices
PPM-2-3511-BG CUID-PPM-2-3511-BG Datasheet
231Kb / 2P
DC POWER PLUG
11/07/2019
More results

Similar Description - PPM-2-3511-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PP-019 CUI-PP-019 Datasheet
241Kb / 1P
DC POWER PLUG
PPM-2-3511-B CUI-PPM-2-3511-B Datasheet
179Kb / 2P
DC POWER PLUG
PPM-2-35135-BG CUI-PPM-2-35135-BG Datasheet
178Kb / 2P
DC POWER PLUG
PPM-2-35135-SG CUI-PPM-2-35135-SG Datasheet
196Kb / 2P
DC POWER PLUG
PPM-3-3511-SG CUI-PPM-3-3511-SG Datasheet
195Kb / 2P
DC POWER PLUG
PP3-038D CUI-PP3-038D Datasheet
277Kb / 3P
DC POWER PLUG
PPM-2-5525 CUI-PPM-2-5525 Datasheet
287Kb / 3P
DC POWER PLUG
PPM-2-35135-SG-WT CUI-PPM-2-35135-SG-WT Datasheet
272Kb / 3P
DC POWER PLUG
PPM-2-47517-SG CUI-PPM-2-47517-SG Datasheet
289Kb / 3P
DC POWER PLUG
PP3-0620 CUI-PP3-0620 Datasheet
279Kb / 3P
DC POWER PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com