Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-7 Datasheet(PDF) 50 Page - Emerson Network Power

Part # PL75-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-7 Datasheet(HTML) 50 Page - Emerson Network Power

Back Button PL75-7 Datasheet HTML 46Page - Emerson Network Power PL75-7 Datasheet HTML 47Page - Emerson Network Power PL75-7 Datasheet HTML 48Page - Emerson Network Power PL75-7 Datasheet HTML 49Page - Emerson Network Power PL75-7 Datasheet HTML 50Page - Emerson Network Power PL75-7 Datasheet HTML 51Page - Emerson Network Power PL75-7 Datasheet HTML 52Page - Emerson Network Power PL75-7 Datasheet HTML 53Page - Emerson Network Power PL75-7 Datasheet HTML 54Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
48
SOLDER POT ACCEPTS
.040 DIA CONDUCTOR
.400 MAX
1.761
1.403
.264
.218
.128 MTG HOLE
.295
.638
.436
.347 DIA
1.828
.375 WRENCH FLATS
Ø.347
.299
.297
DIA
1.610
1.876
.312 HEX
.375 HEX
.508
CABLE ENTRY
DASH
CABLE
A
NO
ACCOMMODATED
HEX
-009
8218, BELDEN
.178
21-597, ESSEX
YR23023, BELDEN
-013A
TCC-75-2, TROMPETER
.255
8241F, BELDEN
-014
8212, BELDEN
.255
-025
734A TYPE
.255
-026
735A TYPE
.178
-027
KS19224L2 LUCENT
.178
PL1MWLT-(DASH NO)
Ø.299
Ø.297
1.876
±.030
1.568
±.030
.312 HEX
.375 HEX
CABLE ENTRY
3.280
Ø.347
A
.436
C
Ø.380
B
.218
.238
B
Ø.347
2.210
A
Ø.380
.476
C
Patching Products / 75Ω Mini-WECo Coax
Patch Jacks
Miniature Patch Jack
BNC Rear Interface
J11MW
Mini-WECo Type
Miniature Patch Jack
BNC Rear Interface
J11MWL
Mini-WECo Type
Patch Plug
Mini-WECo Crimp Plug with Locking Tab
PL1MWLT-
Miniature Patch Jack
Cable Entry, Field Serviceable Mini-WECo Type Centers
J12-
Minimum .64"
Miniature Patch Jack
Solder Pot, Mini-WECo Type
J11D
Patch Plug
Mini-WECo BNC Strip Dimension
Crimp Contact, Crimp Shield
PL1MW-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com