Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75MC-201 Datasheet(PDF) 27 Page - Emerson Network Power

Part # PL75MC-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75MC-201 Datasheet(HTML) 27 Page - Emerson Network Power

Back Button PL75MC-201 Datasheet HTML 23Page - Emerson Network Power PL75MC-201 Datasheet HTML 24Page - Emerson Network Power PL75MC-201 Datasheet HTML 25Page - Emerson Network Power PL75MC-201 Datasheet HTML 26Page - Emerson Network Power PL75MC-201 Datasheet HTML 27Page - Emerson Network Power PL75MC-201 Datasheet HTML 28Page - Emerson Network Power PL75MC-201 Datasheet HTML 29Page - Emerson Network Power PL75MC-201 Datasheet HTML 30Page - Emerson Network Power PL75MC-201 Datasheet HTML 31Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
25
Bulkhead Jack
Rear Mount, Solder Pot
Two-pin Polarized
2-lug.................................................... BJ31
Feed-Through Jack
Two-pin Polarized
2-lug.................................................... BJ38
Bulkhead Jack
Front Mount, Solder Pot, Two-pin Polarized
2-lug................................................... BJ30
“D” mounting holes are on page 54. Note: Only 30 Series have two-pin polarizations.
Cable Plug
Wrench Crimp, Two-pin Polarized
2-lug............................................ PL30-
BJ30 Shown
Mounting Hole: D5.130
.437 HEX NUT
.437 WRENCH FLATS
.593 DIA MAX
.931
.096
.046
.468 HEX NUT
.375-32UNEF-2A
1.070
.468
.437 HEX NUT
.040 DIA
CONDUCTORS
.794
.500-28UNEF-2A
.525
1.308
.783
.625 HEX
.687HEX
.730 DIA
.837
.562 HEX NUT
.093
.500-28UNEF-2A
.380
DIA
BJ31 SHOWN
.310
.131
SOLDER POT
ACCEPTS .040 DIA
CONDUCTORS
.500-28UNEF-2A
1.000
.806
.096
.625 HEX NUT
.437 HEX NUT
.687 HEX NUT
PL30 Shown
BJ38 Shown
Mounting Hole: D3.160
BJ39 Shown
Mounting Hole: D3.218
Bulkhead Cable Jack
Rear Mount, Wrench Crimp
Two-pin Polarized
2-lug............................................. BJ39-
Mil-C-3655 Interface
Note: These connectors are still available, although we recommend using concentric (70 series) twinax for all new applications.
Twinax/Triax Connectors / Standard Threaded
80/380 Series, TRC/TRN
Twinax/Triax Connectors / Two-Pin Polarized
30 Series, TWBNC/TWTNC
Circuit Board Bulkhead Jack
Right Angle-Two-pin Polarized Twinax (TWBNC)
CBBJR39A
1.216
1.046
.718
.050
.380
DIA
.500-28UNEF-2A
.562 HEX NUT
.124
.100
.030 TYP
.34
.13 TYP
.258 TYP
.090 TYP
.058 TYP
.258
TYP
.070 DIA TYP
.258
.050
.100
.0625 DIA
.665
.946
BJ31 Shown
Mounting Hole: D3.280
Mounting Hole: D3.125
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com