Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3KB Datasheet(PDF) 3 Page - ON Semiconductor

Part # S3KB
Description  Rectifiers, Surface Mount 3A, 50 V-1000 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S3KB Datasheet(HTML) 3 Page - ON Semiconductor

  S3KB Datasheet HTML 1Page - ON Semiconductor S3KB Datasheet HTML 2Page - ON Semiconductor S3KB Datasheet HTML 3Page - ON Semiconductor S3KB Datasheet HTML 4Page - ON Semiconductor S3KB Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S3AB−S3MB
www.onsemi.com
3
TEST CIRCUIT DIAGRAM
Oscilloscope
(Note 3)
Pulse
Generator
(Note 4)
(+)
50 Vdc
(approx)
(−)
1
W
Non
Inductive
Figure 6. Reverse Recovery Time
Characteristic and Test Circuit Diagram
50
W
Noninductive
100
W
Noninductive
DUT
(−)
(+)
+0.5 A
−0.25 A
−1.0 A
0
trr
NOTES:
3. Rise Time = 7 ns max. Input Impedance = 1 MW, 22 pF
4. Rise Time = 10 ns max. Source Impedance = 50 W, 22 pF
ORDERING INFORMATION
Part Number
Device Code Marking
Package
Shipping†
NRVS3BB*
S3BB
SMB
(Pb−Free, Halide−Free)
3000 / Tape & Reel
S3DB
S3DB
S3GB, NRVS3GB*
S3GB
S3JB, NRVS3JB*
S3JB
S3KB
S3KB
S3MB, NRVS3MB*
S3MB
DISCONTINUED (Note 5)
S3AB, NRVS3AB*
S3AB
SMB
(Pb−Free, Halide−Free)
3000 / Tape & Reel
S3BB
S3BB
NRVS3DB*
S3DB
NRVS3KB*
S3KB
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NRV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable
5. DISCONTINUED: These devices are not recommended for new design. Please contact your onsemi representative for information. The
most current information on these devices may be available on www.onsemi.com.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com