Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR155ACFL-201 Datasheet(PDF) 13 Page - Emerson Network Power

Part # PLR155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR155ACFL-201 Datasheet(HTML) 13 Page - Emerson Network Power

Back Button PLR155ACFL-201 Datasheet HTML 9Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 10Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 11Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 12Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 13Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 14Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 15Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 16Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 17Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
11
Panels are on pages 51-54.
.445
DIA
.380
DIA
1.268
.570
.812
.562
.375
.281
.156 DIA MTG HOLE
.4375-28UNEF-2A
.447
DIA
.570
.610
1.735
.812
.562
.375
.281
.156 DIA
MTG HOLE
.500 HEX
.437 WRENCH
FLATS
2.594
.570
.445
DIA
.187
.4375-28UNEF-2A
.445
DIA
.570
.610
1.735
.812
.562
.375
.281
.156 DIA
MTG HOLE
.575
1.337
.374 DIA
.437 WRENCH FLATS
.543 DIA MAX
.437
WRENCH FLATS
.505
DIA
1.880
.437 WRENCH FLATS
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
"L"
Length
in inches
For patch jack, no chain
For other chain options see page 58.
PL71-7 Shown
R = Resistance, 50, 75, 78 and 124 ohm standard
L = Length in Inches, 6, 12, 24, 36, 48, 60 standard
Z = Impedance in Ohms, 50, 75, 78 and 124 ohm standard
Twinax/Triax Connectors / RFI Caps & Terminations
Twinax/Triax Connectors / Miniature Patching & Cable Assemblies
Patch Jack
TRB 3-Lug
J72
Patch Jack
Shielded
Without Hood............................... J72D
With Hood..................................... J72S-
Patch Plug
PL71-
Termination
TPT-1-R
RFI Cap
RFI 70-1
Patch Cord
Patch Plug to Patch Plug
Twinax............................................ PTW-L-Z
Triax................................................ PTR-L-Z
Cable Assembly
TRB 3-Lug Plug to Patch Plug
Twinax......................................... PTWX-L-Z
Triax............................................ PTRX-L-Z
Cable Assembly
TRB 3-Lug Plugs
Twinax......................................... PTWY-L-Z
Triax............................................ PTRY-L-Z
Bend relief available, call customer service.
Parallel Patch Cord
Twinax......................................... PTWS-L-Z
Triax............................................ PTRS-L-Z
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com