Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM68 Datasheet(PDF) 1 Page - Bi technologies

Part # HM68
Description  Miniature Button Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM68 Datasheet(HTML) 1 Page - Bi technologies

  HM68 Datasheet HTML 1Page - Bi technologies HM68 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
38
DC
Rated
Part
Inductance (1)
Resistance (2)
Current (3)
Number
µH ±20%
Ω
Max.
Amps
Terminals (4)
Figure
Specifications
HM68-102R2
2.2
0.21
1.25
1 - 3
1
HM68-103R3
3.3
0.24
1.05
1 - 3
1
HM68-104R7
4.7
0.29
0.92
1 - 3
1
HM68-106R8
6.8
0.44
0.74
1 - 3
1
HM68-10100
10
0.62
0.62
1 - 3
1
HM68-10150
15
0.91
0.47
1 - 3
1
HM68-10220
22
1.27
0.39
1 - 3
1
HM68-10330
33
1.79
0.32
1 - 3
1
HM68-10470
47
2.74
0.27
1 - 3
1
HM68-202R2
2.2
0.21
1.41
1 - 3
1
HM68-203R3
3.3
0.24
1.15
1 - 3
1
HM68-204R7
4.7
0.30
0.90
1 - 3
1
HM68-206R8
6.8
0.43
0.82
1 - 3
1
HM68-20100
10
0.52
0.64
1 - 3
1
HM68-20150
15
0.82
0.60
1 - 3
1
HM68-20220
22
1.18
0.46
1 - 3
1
HM68-20330
33
1.53
0.39
1 - 3
1
HM68-20470
47
2.27
0.30
1 - 3
1
HM68-302R2
2.2
0.15
1.40
1 - 4
2
HM68-303R3
3.3
0.20
1.13
1 - 4
2
HM68-304R7
4.7
0.27
0.89
1 - 4
2
HM68-306R8
6.8
0.38
0.72
1 - 4
2
HM68-30100
10
0.63
0.58
1 - 4
2
HM68-30150
15
0.82
0.48
1 - 4
2
HM68-30220
22
1.05
0.42
1 - 4
2
HM68-30330
33
1.50
0.32
1 - 4
2
HM68-30470
47
2.47
0.25
1 - 4
2
HM68-402R2
2.2
0.16
1.62
1 - 4
2
HM68-403R3
3.3
0.19
1.48
1 - 4
2
HM68-404R7
4.7
0.22
1.15
1 - 4
2
HM68-406R8
6.8
0.27
0.93
1 - 4
2
HM68-40100
10
0.38
0.74
1 - 4
2
HM68-40150
15
0.62
0.62
1 - 4
2
HM68-40220
22
0.91
0.50
1 - 4
2
HM68-40330
33
1.32
0.38
1 - 4
2
HM68-40470
47
1.75
0.33
1 - 4
2
HM68-503R3
3.3
0.081
1.25
(1,4) - (2,3)
3
HM68-504R7
4.7
0.106
1.20
(1,4) - (2,3)
3
HM68-506R8
6.8
0.144
0.90
(1,4) - (2,3)
3
HM68-50100
10
0.187
0.85
(1,4) - (2,3)
3
HM68-50150
15
0.30
0.57
(1,4) - (2.3)
3
HM68-50220
22
0.431
0.54
1 - 2
4
HM68-50330
33
0.637
0.38
1 - 2
4
HM68-50470
47
0.875
0.35
1 - 2
4
• Operating Temperature Range
-40°C to +100°C
• Insulation System
Class B, 130°C

Electrical / Environmental
Miniature Button Inductors
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - HM68

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6804 HMSEMI-HM6804 Datasheet
618Kb / 5P
Dual N-Channel Enhancement Mode Power MOSFET
HM6804D HMSEMI-HM6804D Datasheet
313Kb / 5P
Dual N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM68

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
2200R CANDD-2200R Datasheet
72Kb / 2P
Miniature Radial Lead Inductors
logo
List of Unclassifed Man...
SMDCH1210 ETC1-SMDCH1210 Datasheet
146Kb / 9P
MINIATURE SMD CHIP INDUCTORS
logo
DB Lectro Inc
ES40-P DBLECTRO-ES40-P Datasheet
344Kb / 5P
Sealed Sub-Miniature Push button Switches
logo
EPCOS
B78008-S1102-K1 EPCOS-B78008-S1102-K1 Datasheet
81Kb / 2P
RF Inductors Miniature Ferrite Inductors (MIFI)
B65495 EPCOS-B65495 Datasheet
106Kb / 6P
Miniature pot cores for adjustable miniature inductors
logo
Bi technologies
HM50 BITECH-HM50 Datasheet
253Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Rhombus Industries Inc.
L-14900 RHOMBUS-IND-L-14900 Datasheet
29Kb / 1P
Low Power Inductors (Miniature)
L-41000 RHOMBUS-IND-L-41000 Datasheet
33Kb / 1P
Miniature Encapsulated Inductors
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
Miniature Toggle and Push Button Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com