Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3042A Datasheet(PDF) 13 Page - AMI SEMICONDUCTOR

Part # PI3042A
Description  Contact Image Sensor Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3042A Datasheet(HTML) 13 Page - AMI SEMICONDUCTOR

Back Button PI3042A Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3042A Datasheet HTML 10Page - AMI SEMICONDUCTOR PI3042A Datasheet HTML 11Page - AMI SEMICONDUCTOR PI3042A Datasheet HTML 12Page - AMI SEMICONDUCTOR PI3042A Datasheet HTML 13Page - AMI SEMICONDUCTOR PI3042A Datasheet HTML 14Page - AMI SEMICONDUCTOR PI3042A Datasheet HTML 15Page - AMI SEMICONDUCTOR PI3042A Datasheet HTML 16Page - AMI SEMICONDUCTOR PI3042A Datasheet HTML 17Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Preliminary PI3042A datasheet
Clock frequency
Fclk (2)
5
MHz
Output voltage
Vpavg (3)
0.2
V
Amplifier Gain = 1.0, see
note 3
Output voltage non-uniformity
Up (4)
25
%
LED bar non-uniformity,
see note 4.
Dark output voltage
Vd (5)
<160
mV
Dark output non-uniformity
Ud (6)
<60
mV
Adjacent Pixel non-uniformity
Upadj (7)
<20
%
LED Bar Input Voltage
VLED (8)
5.0
V
LED Power Varies greatly.
See note 8.
LED Bar Input Current
ILED (8)
380
mA
LED Power Varies greatly.
See note 8.
Table 6. Electro-Optical Characteristic At High Frequency
Notes: (1)
Note 1 under Table 2, Electro-Optical Characteristic is valid definition, except
that in the A6 modules has 13 sensors sequentially cascaded, hence, Tint =
(13X128)/Fclk for the minimum integration time.
(2)
Fclk is the module’s clock, CP, frequency and equal to the pixel rate. Also, the
clock duty cycle is set to 25% for the 2.0 MHz clock frequency and set to 50% for
the 5.0 MHz.
(3)
Vpavg = Vp(n)/Npixels (average level in one line scan).
Where Vp(n) is the amplitude of nth pixel in one line scan of the modules.
Npixels is the total number of pixels in the module, i.e., 13 die x 128 pixels. The
amplitude of Vpavg is adjusted with RIN (which installed in the production
module) on all of CIS modules because of variations caused by the LED light
sources. The low-cost production LED’s light power are known to vary as much
as ± 30%.
(4)
Up is the uniformity specification, measured under a uniform exposing light
exposure. Up = [Vp(max) - Vpavg] / Vpavg x 100% or [Vpavg - Vp(min)] / Vpavg}
x 100%, whichever is greater.
Where
Vp(max) is the maximum pixel output voltage in the light.
Vp(min) is the minimum pixel output voltage in the light.
The pixel Vp(n) is one nth pixel in Npixels in the sensor.
In applying the Up definition, Npixels must change. It must include 13 sensors,
or 13x128 pixels.
Additionally, because the low-cost LED power variation can be high as ± 30%,
the non-uniformities may varies as much as ± 30%. Hence the uniformities are
worst because of the LED Bar CIS modules.
(5)
Vd = Vp(n)/Npixels. Where Vp(n) is the pixels signal amplitude of the nth pixel
of the sensor. Dark is where light is off, leaving the image surface unexposed.
(6)
Ud = Vdmax – Vdmin.
(7)
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)) x 100%. Upadj is the nonuniformity in
percentage. It is the amplitude difference between two neighboring pixels.
Page 13 of 18 Date: 09/23/05
(8)
The low-cost LED light powers are widely specified, worst case as high as ± 30%,
hense, the requirement for the Vpavg Gain Control and the wide Up specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com