Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X2P376 Datasheet(PDF) 13 Page - AMI SEMICONDUCTOR

Part # X2P376
Description  0.15mm Structured ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P376 Datasheet(HTML) 13 Page - AMI SEMICONDUCTOR

Back Button X2P376 Datasheet HTML 6Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 7Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 8Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 9Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 10Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 11Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 12Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 13Page - AMI SEMICONDUCTOR X2P376 Datasheet HTML 14Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
AMI Semiconductor
- Preliminary
www.amis.com
XPressArray-II 0.15m
mm Structured ASIC
Data Sheet
Table 11: Altera Stratix Cross Reference
12.0 FPGA Cross Reference
Utilization
100%
Logic
Base
50%
RAM
Base
100%
RAM
Base
FPGA
Part
Package
I/O
Base
EP1S10
F484
X2P376
X2P376
X2P528
X2P680
EP1S10
B672
X2P528
X2P376
X2P528
X2P680
EP1S10
F672
X2P528
X2P376
X2P528
X2P680
EP1S10
F780
X2P528
X2P376
X2P528
X2P680
EP1S20
F484
X2P376
X2P376
X2P680
X2P846
EP1S20
B672
X2P528
X2P376
X2P680
X2P846
EP1S20
F672
X2P528
X2P376
X2P680
X2P846
EP1S20
F780
X2P680
X2P376
X2P680
X2P846
EP1S25
B672
X2P528
X2P376
X2P680
X2P846
EP1S25
F672
X2P528
X2P376
X2P680
X2P846
EP1S25
F780
X2P680
X2P376
X2P680
X2P846
EP1S25
F1020
X2P846
X2P376
X2P680
X2P846
EP1S30
F780
X2P680
X2P376
X2P846
X2P1148
EP1S30
B956
X2P846
X2P376
X2P846
X2P1148
EP1S30
F1020
X2P846
X2P376
X2P846
X2P1148
EP1S40
F780
X2P680
X2P528
X2P846
X2P1148
EP1S40
B956
X2P846
X2P528
X2P846
X2P1148
EP1S40
F1020
X2P846
X2P528
X2P846
X2P1148
EP1S40
F1508
X2P998
X2P528
X2P846
X2P1148
EP1S60
B956
X2P846
X2P528
X2P998
X2P1346
EP1S60
F1020
X2P846
X2P528
X2P998
X2P1346
EP1S60
F1508
X2P1148
X2P528
X2P998
X2P1346
EP1S80
B956
X2P846
X2P680
X2P1346
NONE
EP1S80
F1020
X2P998
X2P680
X2P1346
NONE
EP1S80
F1508
X2P1346
X2P680
X2P1346
NONE
Table 12: Altera APEX-II Cross Reference
Utilization
100%
Logic
Base
50%
RAM
Base
100%
RAM
Base
FPGA
Part
Package
I/O
Base
EP2A15
F672
X2P528
X2P376
X2P376
X2P376
EP2A15
B724
X2P528
X2P376
X2P376
X2P376
EP2A25
F672
X2P528
X2P376
X2P376
X2P376
EP2A25
B724
X2P680
X2P376
X2P376
X2P376
EP2A40
F672
X2P528
X2P376
X2P376
X2P376
EP2A40
B724
X2P680
X2P376
X2P376
X2P376
EP2A40
F1020
X2P846
X2P376
X2P376
X2P376
EP2A70
B724
X2P680
X2P680
X2P376
X2P376
EP2A70
F1508
X2P1148
X2P680
X2P376
X2P376
Table 13: Altera Cyclone-II Cross Reference
Utilization
100%
Logic
Base
50%
RAM
Base
100% RAM
Base
FPGA
Part
Package
I/O
Base
EP2C8
F256
X2P376
X2P376
X2P376
X2P376
EP2C20
F256
X2P376
X2P376
X2P376
X2P376
EP2C20
F484
X2P376
X2P376
X2P376
X2P376
EP2C35
F484
X2P376
X2P376
X2P376
X2P528
EP2C35
F672
X2P528
X2P376
X2P376
X2P528
EP2C50
F672
X2P376
X2P680
X2P376
X2P680
EP2C50
F896
X2P528
X2P680
X2P376
X2P680
EP2C70
F672
X2P528
X2P680
X2P528
X2P846
EP2C70
F896
X2P680
X2P680
X2P528
X2P846



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com