Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEC-6/2 Datasheet(PDF) 1 Page - HellermannTyton.

Part # PEC-6/2
Description  Heat Shrinkable Moulded Shapes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

PEC-6/2 Datasheet(HTML) 1 Page - HellermannTyton.

  PEC-6/2 Datasheet HTML 1Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material
Polyolefin, cross-linked (POX)
Colour
Black (BK)
Shrink Ratio
3:1
Minimum Shrink
Temperature
+120 °C
Operating
Temperature
-45 °C to +125 °C
Dielectric Strength
15 kV/mm according to IEC 60684 P2
Flammability
self extinguishing in 30 seconds
according to SAE-AMS-DTL-23053/4
Insulation Pr oducts
Heat Shrinkable Moulded Shapes
299
2.2
Article-No.
Type
Supplied
Ø D
Recov.
Ø d
Wall
(WT)
Length
(L)
Length
(L2)
416-00000
PEC-3/1
3.0
1.0
1.0
25.0
20.0
416-00003
PEC-4.8/1.5
4.8
1.5
1.0
30.0
25.0
416-00001
PEC-6/2
6.0
2.0
1.0
30.0
25.0
416-00002
PEC-9/3
9.0
3.0
1.4
35.0
27.0
All dimensions in mm. Subject to technical changes.
Inner Wall Adhesive
• PEC
PEC-Series recovered
Pinched End Caps 3:1
with inner adhesive
The appropriate end cap for every cable diameter, and cable types.
PEC-Series expanded
The PEC-Series can be applied fast and easy
like a standard heat shrink tube. The inner
adhesive layer and the adhesive plug provide
a good and secure water protection. The
optimal shrink ratio of 3:1 and different
diameters allow a wide range of application.
Other diameters and lenghts are available
on request.
Application
Pinched End Caps can be used for mechanical
and environmental protection of stub splices
in electrical harnesses. Due to the fast and
easy installation, these caps can be used for
non-electrical applications as well.
Features and Benefits
Technical Table
Material Data
Date of issue: April 2011


Similar Part No. - PEC-6/2

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
PEC-03-01-S-A SAMTEC-PEC-03-01-S-A Datasheet
275Kb / 1P
POWER EDGE CARD CONNECTOR
PEC-03-01-S-LC SAMTEC-PEC-03-01-S-LC Datasheet
275Kb / 1P
POWER EDGE CARD CONNECTOR
PEC-03-01-T-A SAMTEC-PEC-03-01-T-A Datasheet
275Kb / 1P
POWER EDGE CARD CONNECTOR
PEC-03-01-T-LC SAMTEC-PEC-03-01-T-LC Datasheet
275Kb / 1P
POWER EDGE CARD CONNECTOR
PEC-03-01-T-S-A SAMTEC-PEC-03-01-T-S-A Datasheet
275Kb / 1P
POWER EDGE CARD CONNECTOR
More results

Similar Description - PEC-6/2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
RT-555-3 MACOM-RT-555-3 Datasheet
238Kb / 4P
High Temperature, Heat-Shrinkable, Fluid Resistant Sealing Sleeves
RPS-1K-22-18 MACOM-RPS-1K-22-18 Datasheet
266Kb / 2P
RPS Commercial grade heat-shrinkable wire identification sleeves
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
Heat Shrinkable Tubing
logo
Tyco Electronics
EC6504-000 MACOM-EC6504-000 Datasheet
5Mb / 85P
TMS-SCE Military grade heat shrinkable wire identification sleeves
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
Heat-Shrinkable Tubing
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
Low Smoke Heat-Shrinkable Rubber Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com