Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X2P640 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # X2P640
Description  0.15關m Structured ASIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P640 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  X2P640 Datasheet HTML 1Page - AMI SEMICONDUCTOR X2P640 Datasheet HTML 2Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMI Semiconductor
www.amis.com
Devices sold by AMIS are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMIS makes no warranty, express, statutory, implied
or by description, regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. AMIS makes no warranty of
merchantability or fitness for any purposes. AMIS reserves the right to discontinue production and change specifications and prices at any time and without notice. AMI
Semiconductor's products are intended for use in commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high
reliability applications, such as military, medical life-support or life-sustaining equipment, are specifically not recommended without additional processing by AMIS for such
applications. Copyright ©2006 AMI Semiconductor, Inc. M-20623-003 KO
Technology
XPA-II technology is ideal for medium density ASIC
applications requiring high performance and low
power, with 1.5V operation. XPA-II devices are
fabricated
using
a
hybrid
technology
that
integrates
an
established
0.15µm
front-end
process with a proven AMIS metal finishing
technology,
which
is
used
to
produce
a
customized back-end. The 0.15µm processing
steps are common to multiple applications,
reducing costs by allowing existing tooling to be
utilized.
At
the
same
time,
tooling
and
manufacturing costs are significantly lower for the
metal finishing process than for traditional
0.15µm cell-based processes. The result is that
XPA-II
delivers
reduced
cycle
times
and
significant reductions in terms of both NRE and
unit
cost
through
manufacturing
utilizing
structured ASIC technology.
There are nine bases in the AMIS XPA-II family.
These bases offer between 511K and 4.8M gates
and up to 4.8Mbits of block RAM. RAM may be
configured
as
single
or
dual
port
with
asymmetrical port widths. The architecture also
supports
RAM
initialization.
Flexible
I/O
technology includes fully configurable core and
I/O power supply pads and support for one of the
industry's widest ranges of I/O standards including
LVTTL, LVCMOS, PCI33, PCI66, PCI-X 133, PCI-X
2.0, GTL/+, HSTL class 1, 2, 3, and 4, SSTL2 class
1 and 2, LVPECL input, and LVDS. Comprehensive
clock management circuitry features up to eight
all digital DLLs and a maximum of eight PLLs.
Compared to equivalent FPGAs operating at the
same voltage levels, XPA-II devices offer higher
densities, better performance and lower power
consumption. Low power consumption further
contributes to cost savings as lower cost plastic
packaging can be used in many cases. XPA-II
products are designed for pin-for-pin replacement
of Xilinx and Altera FPGAs and offer integration of
multiple FPGAs into one ASIC. Package options
include a wide range of Flip Chip BGAs in 1.00mm
and 1.27mm pitches.
schemes. I/Os support DCI on-chip termination. DDR
support for high-speed memory interface is built-in. High
fault coverage is provided through integrated scan-test,
memory BIST and JTAG support.
For FPGA conversions, rapid access to XPressArray (XPA)
technology can be achieved via AMI Semiconductor's
NETRANS® FPGA-to-ASIC design flow. Alternatively, the
availability of XPA synthesis libraries for leading
commercial synthesizers allows conversion of FPGA
designs to ASICs by simply re-targeting from an FPGA
library to an XPA library.
For a data sheet with complete technical specifications,
please visit AMI Semiconductor's Technical Resources at
www.amis.com.
(1) Usable 2RW RAM bits
(2) Usable 2-NAND equivalent logic gates
Product Description continued
No Distributed RAM
50% Distributed RAM
XPA-II Base User I/Os DLLs PLLs 18K Memory Blocks Memory Bits (K)1 Logic Gates (K)2 Memory Bits (K)1 Logic Gates (K)2
X2P360
360
2
4
14
258
511
389
256
X2P560
560
4
4
40
737
912
972
456
X2P640
640
4
4
48
884
1219
1198
609
X2P720
720
4
4
57
1056
1589
1459
725
X2P846
846
4
4
101
1862
1854
2338
927
X2P880
880
4
4
101
1862
2127
2408
1063
X2P1040
1040
4
4
145
2673
2889
3414
1445
X2P1200
1200
8
8
189
3484
4085
4532
2042
X2P1360
1360
8
8
264
4866
4868
6116
2434



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com