Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P165FA Datasheet(PDF) 5 Page - OSRAM GmbH

Part # P165FA
Description  HALOPAR 16 50 W 240 V 30° GU10
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

P165FA Datasheet(HTML) 5 Page - OSRAM GmbH

  P165FA Datasheet HTML 1Page - OSRAM GmbH P165FA Datasheet HTML 2Page - OSRAM GmbH P165FA Datasheet HTML 3Page - OSRAM GmbH P165FA Datasheet HTML 4Page - OSRAM GmbH P165FA Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (height x
width x length)
Volume
Gross weight
4008321595294
HALOPAR 16 50 W
240 V 30° GU10
Folding carton box
1
- x - x -
4008321595300
HALOPAR 16 50 W
240 V 30° GU10
Shipping carton box
20
134 mm x 106 mm x
256 mm
3.64 dm³
1030.00 g
4050300580159
HALOPAR 16 50 W
240 V 30° GU10
Folding carton box
1
50 mm x 50 mm x
69 mm
0.17 dm³
58.32 g
4008321904782
HALOPAR 16 50 W
240 V 30° GU10
Bundle
5
51 mm x 64 mm x
248 mm
0.81 dm³
250.00 g
4008321904799
HALOPAR 16 50 W
240 V 30° GU10
Shipping carton box
20
111 mm x 136 mm x
257 mm
3.88 dm³
1090.00 g
4050300664897
HALOPAR 16 50 W
240 V 30° GU10
Shipping carton box
20
165 mm x 130 mm x
230 mm
4.93 dm³
1036.80 g
4050300807904
HALOPAR 16 50 W
240 V 30° GU10
Bundle
3
149 mm x 65 mm x
50 mm
0.48 dm³
142.02 g
4050300807911
HALOPAR 16 50 W
240 V 30° GU10
Shipping carton box
30
165 mm x 155 mm x
270 mm
6.91 dm³
1545.20 g
4052899016682
HALOPAR 16 50 W
240 V 30° GU10
Folding carton box
5
- x - x -
4052899016699
HALOPAR 16 50 W
240 V 30° GU10
Shipping carton box
90
213 mm x 259 mm x
324 mm
17.87 dm³
4715.00 g
4052899181137
HALOPAR 16 50 W
240 V 30° GU10
Blister
2
- x - x -
4052899181144
HALOPAR 16 50 W
240 V 30° GU10
Shipping carton box
20
134 mm x 254 mm x
290 mm
9.87 dm³
1085.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
For light distribution curves see
www.osram.com
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
August 21, 2014, 19:16:26
© 2014, OSRAM GmbH. All rights reserved.
HALOPAR 16 50 W 240 V 30° GU10
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com