Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 7 Page - Pico Technology Ltd.

Part # 2000
Description  High Quality from a Name You Can Trust
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000 Datasheet(HTML) 7 Page - Pico Technology Ltd.

  2000 Datasheet HTML 1Page - Pico Technology Ltd. 2000 Datasheet HTML 2Page - Pico Technology Ltd. 2000 Datasheet HTML 3Page - Pico Technology Ltd. 2000 Datasheet HTML 4Page - Pico Technology Ltd. 2000 Datasheet HTML 5Page - Pico Technology Ltd. 2000 Datasheet HTML 6Page - Pico Technology Ltd. 2000 Datasheet HTML 7Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Pico Technology, James House, Colmworth Business Park,
St. Neots, Cambridgeshire, PE19 8YP, United Kingdom
T: +44 (0) 1480 396 395
F: +44 (0) 1480 396 296
E: sales@picotech.com
*Prices are correct at the time of publication.
Please contact Pico Technology for the latest prices before ordering.
Errors and omissions excepted. Copyright © 2011 Pico Technology Ltd. All rights reserved.
MM012-6
www.picotech.com
ORDER CODE
DESCRIPTION
GBP
USD*
EUR*
PP419
PicoScope 2204 10 MHz oscilloscope
159
265
195
PP420
PicoScope 2205 25 MHz oscilloscope
249
415
305
PP800
PicoScope 2206 50 MHz oscilloscope
349
575
425
PP801
PicoScope 2207 100 MHz oscilloscope
449
745
545
PP802
PicoScope 2208 200 MHz oscilloscope
599
995
725
PP787
2 x 60 MHz probes for PicoScope 2204, 2205 and 2206
30
50
36
PP821
2 x 150 MHz probes for PicoScope 2207
40
66
48
PP822
2 x 250 MHz probes for PicoScope 2208
50
83
60
MI136
Carrying case
30
50
36
Ch A
Ch B
External trigger
AWG and function generator
AWG and function generator
USB
Pack Contents
• PicoScope 2000 Series oscilloscope
• USB cable
• Quick Start Guide
• Software and Reference CD
Matching Probes Available
If you don’t already have suitable
probes, order a set from us. A durable
storage pouch is included.
Hand-held Oscilloscopes
Also available in the
PicoScope 2000
Series, the PicoScope
2104 and 2105
single-channel hand-
held oscilloscopes
are the ultimate in
compact design.
See our website for
details.
Ch A
Ch B
PicoScope 2204
PicoScope 2205
PicoScope 2206
PicoScope 2207
PicoScope 2208
Ordering Information
Optional Case
Fitted with foam padding for your
scope. A compartment in the lid holds
probes and other accessories.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com