Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DAF Datasheet(PDF) 4 Page - ON Semiconductor

Part # ES1DAF
Description  Surface Mount Ultrafast Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES1DAF Datasheet(HTML) 4 Page - ON Semiconductor

  ES1DAF Datasheet HTML 1Page - ON Semiconductor ES1DAF Datasheet HTML 2Page - ON Semiconductor ES1DAF Datasheet HTML 3Page - ON Semiconductor ES1DAF Datasheet HTML 4Page - ON Semiconductor ES1DAF Datasheet HTML 5Page - ON Semiconductor ES1DAF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ES1DAF, ES1JAF
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
2
0.01
0.1
1
0
0.5
1
1.5
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
150
1.2
50
100
150
200
100
1
10
100
110
Figure 1. Forward Current Derating Curve
TC, Case Temperature (5C)
VR, Reverse Bias Voltage (V)
VR, Peak Reverse Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Typical Junction Capacitance
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Reverse Characteristics
20
40
60
80
100
TA = 150°C
TA = 25°C
TA = 125°C
TA = 75°C
TA = 150°C
TA = 25°C
TA = 125°C
TA = 75°C
0.1
200 V
600 V
0.01
0.1
1
0
0.2
0.4
0.6
Figure 5. Typical Forward Characteristics
VF, Forward Voltage (V)
VF, Forward Voltage (V)
Figure 6. Typical Forward Characteristics
TA = 150°C
TA = 25°C
TA = 125°C
TA = 75°C
600 V
TA = 150°C
TA = 25°C
TA = 125°C
TA = 75°C
200 V
0.8
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com