Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL08 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # PL08
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08 Datasheet(HTML) 4 Page - Omron Electronics LLC

  PL08 Datasheet HTML 1Page - Omron Electronics LLC PL08 Datasheet HTML 2Page - Omron Electronics LLC PL08 Datasheet HTML 3Page - Omron Electronics LLC PL08 Datasheet HTML 4Page - Omron Electronics LLC PL08 Datasheet HTML 5Page - Omron Electronics LLC PL08 Datasheet HTML 6Page - Omron Electronics LLC PL08 Datasheet HTML 7Page - Omron Electronics LLC PL08 Datasheet HTML 8Page - Omron Electronics LLC PL08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
General-purpose Relays and Power Relays
Sockets
241
Round Sockets
Note: This model succeeds the P3G-11 for which production was stopped in March 1991.
Item
PF
(Track-
mounting)
*see page 258
P2CF
(Track-
mounting)
PFA
(Track-
mounting)
P3G
(Track-
mounting)
PL
(back-connecting) *see page 261
Solder
terminal
Wrapping
terminal
PCB terminal
8 pins
11 pins
14 pins
---
---
---
---
---
20 pins
---
---
---
---
---
PF083A
Approx. 34 g
PF083A-E
PF085A
Approx. 40 g
P2CF-08
Approx. 55 g
8PFA
Approx. 57 g
8PFA1
Approx. 66 g
P3G-08
Approx. 40 g
PL08
Approx. 14 g
PL08-Q
Approx. 15 g
PLE08-0
Approx. 10.6 g
PF113A
Approx. 47 g
PF113A-E
P2CF-11
Approx. 70 g
11PFA
Approx. 74 g
P3GA-11
(see note)
Approx. 47 g
PL11
Approx. 15 g
PL11-Q
Approx. 18.5 g
PLE11-0
Approx. 10.8 g
14PFA
Approx. 104 g
PL15
Approx. 28 g
PF202
Approx. 170 g
PL20
Approx. 17 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com